Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVD399C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HVD399C
Description  Variable Capacitance Diode for VCO
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HVD399C Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVD399C
Rev.2.00 Mar 30, 2006 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
10
VR = 10 V
Reverse current
IR2
50
nA
VR = 10 V, Ta = 60
°C
C0.5
18.5
20.0
VR = 0.5 V, f = 1 MHz
Capacitance
C2.5
7.30
8.60
pF
VR = 2.5 V, f = 1 MHz
Capacitance ratio
n
2.30
2.46
C0.5/C2.5
Series resistance
rs
0.40
VR = 1 V, f = 470 MHz
Note
: For SFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HVU383BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVL385CVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV607KLVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVD397CVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVL375CMVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV600KPVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV607KPVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV601KPVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV608KLVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVD372BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn