Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVD327C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HVD327C
Description  Variable Capacitance Diode for VHF tuner
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HVD327C Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVD327C
Rev.2.00 Mar 31, 2006 page 3 of 4
Main Characteristic
1.0
10
0
0.6
0.2
0.8
0.4
0.5
1.0
30
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f = 470MHz
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)
05
10
–13
10
–11
10
–12
10
15
10
–9
10
–10
f = 1MHz
1.0
10
1.0
0.5
10
100
30
f = 1MHz


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RKV502KGVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV501KKVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV501KGVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV501KJVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC300CVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV502KKVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV502KJVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC307Variable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVU300CVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC306CVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn