Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVD326C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HVD326C
Description  Variable Capacitance Diode for UHF/VHF tuner
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HVD326C Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVD326C
Rev.2.00 Mar 31, 2006 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
10
VR = 10 V
Reverse current
IR2
100
nA
VR = 10 V, Ta = 60
°C
C1
13.0
16.0
VR = 1 V, f = 1 MHz
Capacitance
C10
2.0
2.3
pF
VR = 10 V, f = 1 MHz
Capacitance ratio
n
6.0
C1 / C10
Series resistance
rS
0.6
VR = 5 V, f = 470 MHz
Matching error
∆C/C *2
2.0
%
VR = 1 to 10 V, f = 1 MHz
Notes
: 1. For SFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip
part is considered as unquestioned. Please kindly consider soldering nature.
2. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C continuous in a reel,
expect extention to another group.
Calculate Matching Error,
∆C/C =
× 100 (%)
(Cmax – Cmin)
Cmin


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HVU326CVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV500KJVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV500KGVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV500KKVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVM16Variable Capacitance Diode for FM tuner 1 2 3 4 5 Renesas Technology Corp
HVR100Variable Capacitance Diode for AM tuner 1 2 3 4 5 Renesas Technology Corp
HVC316Variable Capacitance Diode for BS/CS tuner 1 2 3 4 5 Renesas Technology Corp
HVD316Variable Capacitance Diode for BS/CS tuner 1 2 3 4 5 Renesas Technology Corp
RKV651KKVariable Capacitance Diode for FM tuner IC 1 2 3 4 5 Renesas Technology Corp
RKV651KLVariable Capacitance Diode for FM tuner IC 1 2 3 4 5 Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn