Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1366 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD1366
Description  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1366 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD1366 Datasheet HTML 1Page - Renesas Technology Corp 2SD1366 Datasheet HTML 2Page - Renesas Technology Corp 2SD1366 Datasheet HTML 3Page - Renesas Technology Corp 2SD1366 Datasheet HTML 4Page - Renesas Technology Corp 2SD1366 Datasheet HTML 5Page - Renesas Technology Corp 2SD1366 Datasheet HTML 6Page - Renesas Technology Corp 2SD1366 Datasheet HTML 7Page - Renesas Technology Corp 2SD1366 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SD1366
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
25
V
Collector to emitter voltage
V
CEO
20
V
Emitter to base voltage
V
EBO
5V
Collector current
I
C
1A
Collector peak current
i
C(peak)*
1
1.5
A
Collector power dissipation
P
C*
2
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 ms, Duty cycle ≤ 20%.
2. Value on the alumina ceramic board (12.5
× 20 × 0.7 mm)
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
25
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
20
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5—
VI
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
0.1
µAV
CB = 20 V, IE = 0
Emitter cutoff current
I
EBO
0.1
µAV
EB = 4 V, IC = 0
DC current transfer ratio
h
FE*
1
85
240
V
CE = 2 V, IC = 0.5 A, Pulse
Collector to emitter saturation
voltage
V
CE(sat)
0.15
0.3
V
I
C = 0.8 A, IB = 0.08 A, Pulse
Base to emitter saturation
voltage
V
BE(sat)
0.9
1.0
V
I
C = 0.8 A, IB = 0.08 A, Pulse
Gain bandwidth product
f
T
240
MHz
V
CE = 2 V, IC = 0.5 A, Pulse
Collector output capacitance
Cob
22
pF
V
CB = 10 V, IE = 0, f = 1 MHz
Note:
1. The 2SD1366 is grouped by h
FE as follows.
Mark
AA
AB
h
FE
85 to 170
120 to 240


Similar Part No. - 2SD1366

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1366 HITACHI-2SD1366 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1366 KEXIN-2SD1366 Datasheet
914Kb / 3P
   NPN Transistors
2SD1366-A KEXIN-2SD1366-A Datasheet
914Kb / 3P
   NPN Transistors
2SD1366-A-HF KEXIN-2SD1366-A-HF Datasheet
902Kb / 3P
   NPN Transistors
2SD1366-B KEXIN-2SD1366-B Datasheet
914Kb / 3P
   NPN Transistors
More results

Similar Description - 2SD1366

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com