Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1630D07 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA1630D07
Description  Dual CMOS High Drive Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630D07 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA1630D07 Datasheet HTML 1Page - Renesas Technology Corp HA1630D07 Datasheet HTML 2Page - Renesas Technology Corp HA1630D07 Datasheet HTML 3Page - Renesas Technology Corp HA1630D07 Datasheet HTML 4Page - Renesas Technology Corp HA1630D07 Datasheet HTML 5Page - Renesas Technology Corp HA1630D07 Datasheet HTML 6Page - Renesas Technology Corp HA1630D07 Datasheet HTML 7Page - Renesas Technology Corp HA1630D07 Datasheet HTML 8Page - Renesas Technology Corp HA1630D07 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REJ03D0859-0200 Rev.2.00 Nov 30, 2007
Page 1 of 14
HA1630D07
Dual CMOS High Drive Operational Amplifier
REJ03D0859-0200
Rev.2.00
Nov 30, 2007
Description
HA1630D07 is a low power dual CMOS operational amplifier featuring high output current with typical current supply
of 120
µA for both channels (2.7 V to 5.5 V). This IC designed to operate from a single power supply and have full
swing outputs. Available in MMPAK-8 and TSSOP-8 package, the miniature size of this IC not only allows compact
integration in portable devices but also minimizes distance of signal sources (sensors), thus reducing external noise pick
up prior to amplification. This IC exhibit excellent current drive-power ratio capable of 2 k
Ω load driving and yet
resistant to oscillation for capacitive loads up to 200 pF.
Features
• Low supply current
IDD = 120 µA Typ (VDD = 3 V, RL = No load)
• Low voltage operation
VDD = 2.7 V to 5.5 V
• Low input offset voltage
VIO = 6 mV Max
• Low input bias current
IIB = 1 pA Typ
• High output current
IOSOURCE = 15 mA Typ (VDD = 3.0 V, VOH = 2.5 V)
IOSINK = 15 mA Typ (VDD = 3.0 V, VOL = 0.5 V)
• Input common voltage range includes ground
Ordering Information
Part No.
Package Name
Package Code
HA1630D07MM
MMPAK-8
PLSP0008JC-A
HA1630D07T
TSSOP-8
PTSP0008JC-B


Similar Part No. - HA1630D07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D07 RENESAS-HA1630D07_15 Datasheet
258Kb / 17P
   Dual CMOS High Drive Operational Amplifier
More results

Similar Description - HA1630D07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D08 RENESAS-HA1630D08_15 Datasheet
275Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D07 RENESAS-HA1630D07_15 Datasheet
258Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08 Datasheet
252Kb / 15P
   Dual CMOS High Drive Operational Amplifier
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08 Datasheet
286Kb / 15P
   Single CMOS High Drive Operational Amplifier
HA1630S07 RENESAS-HA1630S07 Datasheet
268Kb / 15P
   Single CMOS High Drive Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com