Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7548_0710 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 7548_0710
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7548_0710 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 7548_0710 Datasheet HTML 74Page - Renesas Technology Corp 7548_0710 Datasheet HTML 75Page - Renesas Technology Corp 7548_0710 Datasheet HTML 76Page - Renesas Technology Corp 7548_0710 Datasheet HTML 77Page - Renesas Technology Corp 7548_0710 Datasheet HTML 78Page - Renesas Technology Corp 7548_0710 Datasheet HTML 79Page - Renesas Technology Corp 7548_0710 Datasheet HTML 80Page - Renesas Technology Corp 7548_0710 Datasheet HTML 81Page - Renesas Technology Corp 7548_0710 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 78 of 81
REJ03B0210-0201
7548 Group
6. Reading from and Writing to Timer A
If the timer A count source clock and
φSOURCE are different
clocks, timer A cannot be read or written during its counting.
Select the same clock or set timer A to stop counting to enable
read and write operations.
•Timer A cannot be read/written in the following
conditions:
Timer A count source: XCIN input clock
φSOURCE: Clock other than XCIN input clock
or
Timer A count source: Low-speed on-chip oscillator output
φSOURCE: Clock other than low-speed on-chip oscillator
7. Count Source of Timer A
The XCIN input clock can be selected as the count source of timer
A only if the 32 kHz quartz crystal oscillator is selected by the
oscillation method selection bit in FSROM1.
Notes on Output Compare
(1) If timer A is stopped, when a value is written to the
capture/compare register it is immediately transferred to the
compare latch. In addition, if timer A is stopped and the
compare x trigger enable bit is set to “1”, the output latch is
initialized.
(2) Do not write the same data to both of compare latch x0 and
x1.
(3) When setting value of the compare latch is larger than timer
setting value, compare match signal is not generated.
Accordingly, the output waveform is fixed to “L” or “H”
level.
However, when setting value of another compare latch is
smaller than timer setting value, this compare match signal
is generated. Accordingly, compare interrupt occurs.
(4) When the compare x trigger enable bit is cleared to “0”
(disabled), the match trigger to the waveform output circuit
is disabled, and the output waveform can be fixed to “L” or
“H” level.
However, in this case, the compare match signal is
generated.
Accordingly, compare interrupt occurs.
Notes on Input Capture
(1) When the low-speed on-chip oscillator output or XCIN input
clock is selected as the count source of timer A, input
capture can be used only if the same clock source is selected
as
φSOURCE and as the count source of timer A.
(2) When writing “1” to capture y software trigger bit of capture
latch 00 and 01 at the same time, or external trigger and
software trigger occur simultaneously, if capture latches 00
and 01 are input simultaneously, the set value of capture 0
status bit is undefined.
(3) When setting the interrupt active edge selection bit and
noise filter clock selection bit of capture 0 the interrupt
request bit may be set to “1”.
When not requiring the interrupt occurrence synchronized
with these setting, take the following sequence.
1Set the capture interrupt enable bit to “0” (disabled).
2Set the interrupt edge selection bit or noise filter clock
selection bit.
3Set the corresponding interrupt request bit to “0” after 1 or
more instructions have been executed.
4Set the capture interrupt enable bit to “1” (enabled).
(4) When the capture interrupt is used as the interrupt for return
from stop mode, set the capture 0 noise filter clock selection
bits to “00 (Filter stop)”.


Similar Part No. - 7548_0710

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
More results

Similar Description - 7548_0710

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com