Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7548_0710 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7548_0710
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7548_0710 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7548_0710 Datasheet HTML 36Page - Renesas Technology Corp 7548_0710 Datasheet HTML 37Page - Renesas Technology Corp 7548_0710 Datasheet HTML 38Page - Renesas Technology Corp 7548_0710 Datasheet HTML 39Page - Renesas Technology Corp 7548_0710 Datasheet HTML 40Page - Renesas Technology Corp 7548_0710 Datasheet HTML 41Page - Renesas Technology Corp 7548_0710 Datasheet HTML 42Page - Renesas Technology Corp 7548_0710 Datasheet HTML 43Page - Renesas Technology Corp 7548_0710 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 40 of 81
REJ03B0210-0201
7548 Group
A/D Converter
The functional blocks of the A/D converter are described below.
[AD conversion register] AD
The A/D conversion register is a read-only register that stores the
result of A/D conversion. Do not read out this register during an
A/D conversion.
[AD control register] ADCON
The AD control register controls the A/D converter.
Bit 2 to 0 are analog input pin selection bits.
Bit 3 is the AD conversion clock selection bit. When “0” is set to
this bit, the A/D conversion clock is
φSOURCE/2 and the A/D
conversion time is 122 cycles of
φSOURCE. When “1” is set to
this bit, the A/D conversion clock is
φSOURCE and the A/D
conversion time is 61 cycles of
φSOURCE.
Bit 4 is the AD conversion completion bit. The value of this bit
remains at “0” during A/D conversion, and changes to “1” at
completion of A/D conversion.
A/D conversion is started by setting this bit to “0”.
[Comparison voltage generator]
The comparison voltage generator divides the voltage between
VSS and VCC by 1024, and outputs the divided voltages.
[Channel selector]
The channel selector selects one of ports P15/AN5 to P10/AN0,
and inputs the voltage to the comparator.
[Comparator and control circuit]
The comparator and control circuit compares an analog input
voltage with the comparison voltage and stores its result into the
AD conversion register. When AD conversion is completed, the
control circuit sets the AD conversion completion bit and the A/
D conversion interrupt request bit to “1”. Because the
comparator is constructed linked to a capacitor, set
φSOURCE in
order that the A/D conversion clock is 250 kHz or over during A/
D conversion.
•Notes
As for A/D translation accuracy, on the following operating
conditions, accuracy may become low.
(1) When VCC voltage is lower than [3.0 V], the accuracy at the
low temperature may become extremely low compared with
that at room temperature. When the system would be used at
low temperature, the use at VCC = 3.0 V or more is
recommended.
(2) When XCIN or the low-speed on-chip oscillator is selected as
φSOURCE, the A/D converter cannot be used.
Fig 51. Structure of AD control register
Fig 52. Structure of AD conversion register
AD control register
(ADCON: address 003416, initial value: 1016)
Analog input pin selection bits
000: P10/AN0
001: P11/AN1
010: P12/AN2
011: P13/AN3
100: P14/AN4
101: P15/AN5
110: Not available
111: Not available
A/D conversion clock selection bit
0:
φSOURCE/2
1:
φSOURCE
A/D conversion completion bit
0: Conversion in progress
1: Conversion completed
Not used (returns “0” when read)
b7
b0
Read 8-bit (Read only address 003516)
(Address 003516)
Read 10-bit (read in order address 003616, 003516)
(Address 003616)
(Address 003516)
Note: High-order 6-bit of address 003616 returns “0” when read.
b7
b0
b9 b8
b7
b7
b0
b6 b5 b4 b3 b2 b1 b0
b9
b7
b0
b8 b7 b6 b5 b4 b3 b2


Similar Part No. - 7548_0710

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
More results

Similar Description - 7548_0710

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com