Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT60AM-18F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CT60AM-18F
Description  Insulated Gate Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT60AM-18F Datasheet(HTML) 3 Page - Renesas Technology Corp

  CT60AM-18F Datasheet HTML 1Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 2Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 3Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 4Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 5Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CT60AM-18F
Rev.2.00 Jul 07, 2006 page 3 of 5
Performance Curves
Collector Current vs.
Collector-Emitter Voltage (Typical)
Collector-Emitter Voltage VCE (V)
Collector-Emitter Saturation Voltage vs.
Gate-Emitter Voltage (Typical)
Gate-Emitter Voltage VGE (V)
Collector Current vs.
Gate-Emitter Voltage (Typical)
Gate-Emitter Voltage VGE (V)
Switching Time vs.
Gate Resistance (Typical)
Gate Resistance RG (Ω)
Switching Characteristics (Typical)
Collector Current IC (A)
Capacitance vs.
Collector-Emitter Voltage (Typical)
Collector-Emitter Voltage VCE (V)
0
40
80
120
160
012345
PD = 180W
VGE = 20V
Tc = 25
°C
Pulse Test
0
1
2
3
4
5
0
4
8
12
16
20
Tc = 25
°C
Pulse Test
30A
60A
15A
IC = 120A
10V
15V
8V
7V
9V
0
40
80
120
160
048
12
16
Tc = 25
°C
VCE = 5V
Pulse Test
100
101
23
5
7
102
23
5
7
10-1
100
2 3 5 7
101
2 3 5 7
102
2 3 5 7
103
2 3 5 7
103
2
3
5
7
104
2
3
5
7
103
104
2
3
5
7
101
2
3
5
7
102
2
3
5
7
100
101
23
5
7
102
2
3
5
7
101
103
2
3
5
7
102
23
5 7
102
2
3
5
7
101
Tj =
25
°C
VGE = 0V
f = 1MHz
Cies
Coes
Cres
Tj =
25
°C
VCC = 300V
VGE = 15V
RG = 10
td(off)
td(on)
tr
tf
Tj =
25
°C
VCC = 300V
VGE = 15V
IC = 60A
td(off)
td(on)
tr
tf


Similar Part No. - CT60AM-18F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT60AM-18F POWEREX-CT60AM-18F Datasheet
23Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - CT60AM-18F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com