Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38063MCA-XXXFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38063MCA-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063MCA-XXXFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38063MCA-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M38063MCA-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38063MCA-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38063MCA-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38063MCA-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38063MCA-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38063MCA-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38063MCA-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38063MCA-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
DESCRIPTION
The 3822 group (A version) is the 8-bit microcomputer based on
the 740 family core technology.
The 3822 group (A version) has the LCD drive control circuit, an 8-
channel A-D converter, and a serial I/O as additional functions.
The various microcomputers in the 3822 group (A version) include
variations of internal memory size and packaging. For details, re-
fer to the section on part numbering.
FEATURES
●Basic machine-language instructions ...................................... 71
●The minimum instruction execution time ........................... 0.4 µs
(at f(XIN) = 10 MHz, High-speed mode)
●Memory size
ROM ............................................................... 16 K to 48 K bytes
RAM ................................................................. 512 to 1024 bytes
●Programmable input/output ports ............................................ 49
●Software pull-up/pull-down resistors (Ports P0-P7 except port P40)
●Interrupts ................................................. 17 sources, 16 vectors
(includes key input interrupt)
●Timers ........................................................... 8-bit ✕ 3, 16-bit ✕ 2
●Serial I/O ...................... 8-bit ✕ 1 (UART or Clock-synchronized)
●A-D converter ................................................. 8-bit ✕ 8 channels
●LCD drive control circuit
Bias ................................................................................... 1/2, 1/3
Duty ........................................................................... 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ........................................................................ 32
●2 clock generating circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
●Power source voltage
In high-speed mode
(at f(XIN)
≤ 10 MHz) ................................................... 4.5 to 5.5 V
(at f(XIN)
≤ 8 MHz) ..................................................... 4.0 to 5.5 V
In middle-speed mode (at f(XIN)
≤ 6 MHz) ............... 1.8 to 5.5 V
In low-speed mode .................................................... 1.8 to 5.5 V
●Power dissipation
In high-speed mode ................................................ 15 mW (std.)
(at f(XIN) = 8 MHz, Vcc = 5 V, Ta = 25 °C)
In low-speed mode ................................................... 24
µW (std.)
(at f(XIN) stopped, f(XCIN) = 32 kHz, Vcc = 3 V, Ta = 25 °C)
●Operating temperature range .................................. – 20 to 85 °C
APPLICATIONS
Camera, household appliances, consumer electronics, etc.
Fig. 1 M3822XMXA-XXXFP pin configuration
PIN CONFIGURATION (TOP VIEW)
Package type : 80P6N-A (80-pin plastic-molded QFP)
M3822XMXA-XXXFP
AVSS
VREF
VCC
SEG0
P41/
φ
P40
XIN
XOUT
VSS
P27
P26
P25
P24
P23
P22
P21
P20
RESET
P70/XCOUT
P71/XCIN
COM0
VL3
COM1
COM2
COM3
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
1
2
3 4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
3822 Group (A ver.)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0076-0120Z
Rev.1.20
2003.12.24
Rev.1.20
Dec 24, 2003
page 1 of 57


Similar Part No. - M38063MCA-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38063MC-FP RENESAS-M38063MC-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38063MC-XXXFP RENESAS-M38063MC-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38063MC-XXXFP RENESAS-M38063MC-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38063MC-XXXFS RENESAS-M38063MC-XXXFS Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38063MCDFP RENESAS-M38063MCDFP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38063MCA-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com