Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151EFFP Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M37151EFFP
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151EFFP Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M37151EFFP Datasheet HTML 72Page - Renesas Technology Corp M37151EFFP Datasheet HTML 73Page - Renesas Technology Corp M37151EFFP Datasheet HTML 74Page - Renesas Technology Corp M37151EFFP Datasheet HTML 75Page - Renesas Technology Corp M37151EFFP Datasheet HTML 76Page - Renesas Technology Corp M37151EFFP Datasheet HTML 77Page - Renesas Technology Corp M37151EFFP Datasheet HTML 78Page - Renesas Technology Corp M37151EFFP Datasheet HTML 79Page - Renesas Technology Corp M37151EFFP Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 76 of 136
REJ03B0129-0100Z
Fig. 8.11.17 Bit structure of OSD RAM
Bit name
Control of
character color R
Control of
character color G
Control of
character color B
OUT control
Flash control
Underline control
Italic control
Bit
RF0
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RA0
RA1
RA2
RA3
RA4
RA5
RA6
Function
Character code in
OSD ROM
0: Color signal output OFF
1: Color signal output ON
0: Flash OFF
1: Flash ON
0: Underline OFF
1: Underline ON
0: Italic OFF
1: Italic ON
Bit name
Control of
character color R
Control of
character color G
Control of
character color B
OUT control
Control of
background color R
Control of
background color G
Control of
background color B
CC mode
Function
Character code in
OSD ROM
0: Color signal output OFF
1: Color signal output ON
0: Color signal output OFF
1: Color signal output ON
OSD mode
Notes 1: Read value of bits 7 of the color code is “0.”
2: For OUT control, refer to “8.11.8 OUT signal.”
3: “7F16” and “8016” cannot be used as character code.
Character code
Character code
(See note 2)
(See note 2)
RA6
RA5 RA4 RA3 RA2
RA1 RA0 RF7
RF6
RF5
RF4
RF3
RF2
RF1RF0
b0
b7
b0
b7
Blocks 1, 2
Character code (See note 3)
Color code 1
(See note 1)


Similar Part No. - M37151EFFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151EFFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com