Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151EFFP Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M37151EFFP
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151EFFP Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M37151EFFP Datasheet HTML 30Page - Renesas Technology Corp M37151EFFP Datasheet HTML 31Page - Renesas Technology Corp M37151EFFP Datasheet HTML 32Page - Renesas Technology Corp M37151EFFP Datasheet HTML 33Page - Renesas Technology Corp M37151EFFP Datasheet HTML 34Page - Renesas Technology Corp M37151EFFP Datasheet HTML 35Page - Renesas Technology Corp M37151EFFP Datasheet HTML 36Page - Renesas Technology Corp M37151EFFP Datasheet HTML 37Page - Renesas Technology Corp M37151EFFP Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 34 of 136
REJ03B0129-0100Z
Fig. 8.6.6 I2C Control Register
b7 b6 b5 b4 b3 b2 b1 b0
0
to
2
Bit counter
(Number of transmit/recieve
bits)
(BC0 to BC2)
b2 b1 b0
0
0
0 : 8
0
0
1 : 7
0
1
0 : 6
0
1
1 : 5
1
0
0 : 4
1
0
1 : 3
1
1
0 : 2
1
1
1 : 1
3I2C-BUS interface use
enable bit (ESO)
0 : Disabled
1: Enabled
4
Data format selection
bit(ALS)
0 : Addressing mode
1 : Free data format
5
Addressing format selection
bit (10BIT SAD)
0 : 7-bit addressing format
1 : 10-bit addressing format
6, 7 Connection control bits
between I2C-BUS interface
and ports
(BSEL0, BSEL1)
b7 b6 Connection port (See note)
0
0: None
0
1: SCL1, SDA1
1
0: SCL2, SDA2
1
1: SCL1, SDA1
0
0
0
0
0
I2C control register (S1D) [Address 00F916]
I2C Control Register
B
Name
Functions
After reset
R W
Note: • Set the corresponding direction register to "1" to use the port as multi-master I2C-BUS interface.
• To use SCL1, SDA1, SCL2 and SDA2, set the port P3 Register (address 00C616) bit 2 to 0.
R W
R W
R W
R W
R W
SCL2, SDA2
Fig. 8.6.7 Port P3 Register
Port P3 register (P3)
[Address 00C616]
Port P3 register
0
1
2
Port P3 register
Indeterminate
Indeterminate
W
R
4 to
7
b7 b6 b5 b4 b3 b2 b1 b0
Nothing is assigned. This bit is write disable bit.
When this bit is read out, the value is "0."
W
R
0
W
R
0
R
3
(BSEL20)
(See note)
0
W
R
SCL3/P31-SCL1/P11
SDA3/P30-SDA1/P13
Connection control bit (BSEL21)
Notes • For the ports used as the Multi-master I
2C-BUS interface, set their direction registers to 1.
• To use SCL3 and SDA3, set the I
2C Control Register (address 00F916) bits 6–7 to 0.
BName
Functions
After reset
R W
Port P30 data
Port P31 data
Switch bit of I
2C-BUS
interface and port P3
0:
Port P30, Port P31
1: I
2CBUS (SDA3,SCL3)
0: Cutting
1: Connection


Similar Part No. - M37151EFFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151EFFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com