Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151MF-XXXFP Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M37151MF-XXXFP
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151MF-XXXFP Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M37151MF-XXXFP Datasheet HTML 56Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 57Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 58Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 59Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 60Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 61Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 62Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 63Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 60 of 136
REJ03B0129-0100Z
8.11 OSD FUNCTIONS
Table 8.11.1 outlines the OSD functions.
This microcomputer incorporates an OSD circuit of 32 characters ✕
2 lines. There are also 2 display modes which are selected in block
units. The display modes are selected by bits 0 and 1 of block con-
trol register i (i = 1 and 2).
The features of each mode are described below.
Table 8.11.1 Features of Each Display Mode
Number of display characters
32 characters ✕ 2 lines
Dot structure
16 ✕ 26 dots (Character display area : 16 ✕ 20 dots)
16 ✕ 20 dots
Kinds of characters
254 kinds
Kinds of character sizes
1 kinds
8 kinds
Pre-divide ratio (See note)
✕ 2 (fixed)
✕ 2, ✕ 3
Dot size
1TC ✕ 1/2H
1TC ✕ 1/2H, 1TC ✕ 1H, 2TC ✕ 2H, 3TC ✕ 3H
Attribute
Smooth italic, under line, flash
Border (black)
Character font coloring
1 screen : 8 kinds (per character unit)
Character background coloring
1 screen : 8 kinds (per character unit)
OSD output
R, G, B
Raster coloring
Possible (per character unit)
Function
Auto solid space function
Window function
Display position
Horizontal: 128 levels, Vertical: 512 levels
Display expansion (multiline display)
Possible
Parameter
Notes 1: The divide ratio of the frequency divider (the pre-divide circuit) is referred as “pre-divide ratio” hereafter.
2: The character size is specified with dot size and pre-divide ratio (refer to 8.11.2 Dot Size).
Display mode
CC mode
(Closed caption mode)
OSD mode (Border OFF)
(On-screen display mode)


Similar Part No. - M37151MF-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151MF-XXXFP RENESAS-M37151MF-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151MF-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com