Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151MF-XXXFP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37151MF-XXXFP
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151MF-XXXFP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37151MF-XXXFP Datasheet HTML 45Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 46Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 47Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 48Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 49Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 50Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 51Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 52Page - Renesas Technology Corp M37151MF-XXXFP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 49 of 136
REJ03B0129-0100Z
8.10 DATA SLICER
This microcomputer includes the data slicer function for the closed
caption decoder (referred to as the CCD). This function takes out the
caption data superimposed in the vertical blanking interval of a com-
posite video signal. A composite video signal, which makes the sync
chip’s polarity negative, is input to the CVIN pin.
When the data slicer function is not used, the data slicer circuit and
the timing signal generating circuit can be cut off by setting bit 0 of
data slicer control register 1 (address 00E016) to “0.” These settings
support low-power dissipation.
Fig. 8.10.1 Data Slicer Block Diagram
Composite
video
signal
1 M
Sync pulse counter
register
(address 00E916)
Data slicer control register 2
(address 00E116)
Data slicer control register 1
(address 00E016)
Clock run-in defect register
(address 00E416)
Caption position register
(address 00E616)
Data clock position register
(address 00E516)
Interrupt request
generating circuit
Data slicer
interrupt
request
Synchronizing
signal counter
Synchronizing
separation
circuit
Sync slice
circuit
Clamping
circuit
Low-pass
filter
Timing signal
generating
circuit
Clock run-in
determination
circuit
Data slice line
specification
circuit
Start bit detecting
circuit
Data clock
generating circuit
16-bit shift register
Caption data register 1
(address 00E216)
Caption data register 2
(address 00E316)
Data bus
Comparator
0.1
µF
470
560 pF
CVIN
1
µF
1 k
200 pF
HSYNC
HLF
+
Reference
voltage
generating
circuit
VHOLD
1000 pF
high-order
low-order
Data slicer ON/OFF
Caption data register 4
(address 00CF16)
Caption data register 3
(address 00CE16)
External circuit
Note : Make the length of wiring which is
connected to VHOLD, HLF, and CVIN pin as
short as possible so that a leakage current
may not be generated when mounting a
resistor or a capacitor on each pin.


Similar Part No. - M37151MF-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151MF-XXXFP RENESAS-M37151MF-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151MF-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com