Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151MC Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M37151MC
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151MC Datasheet(HTML) 3 Page - Renesas Technology Corp

  M37151MC Datasheet HTML 1Page - Renesas Technology Corp M37151MC Datasheet HTML 2Page - Renesas Technology Corp M37151MC Datasheet HTML 3Page - Renesas Technology Corp M37151MC Datasheet HTML 4Page - Renesas Technology Corp M37151MC Datasheet HTML 5Page - Renesas Technology Corp M37151MC Datasheet HTML 6Page - Renesas Technology Corp M37151MC Datasheet HTML 7Page - Renesas Technology Corp M37151MC Datasheet HTML 8Page - Renesas Technology Corp M37151MC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 3 of 136
REJ03B0129-0100Z
4. PIN CONFIGURATION
Fig. 4.1 Pin Configuration (Top View)
1
16
11
12
13
14
15
5
6
7
8
9
10
2
3
4
17
18
19
20
21
42
27
32
31
30
29
28
38
37
36
35
34
33
41
40
39
26
25
24
23
22
P11/SCL1
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3/AD1
P04/PWM4/AD2
P05/AD3
P06/INT2/AD4
P07/INT1
P20/SCLK/AD5
P21/SOUT/AD6
P22/SIN/AD7
P23/TIM3
P24/TIM2
P25/INT3
P26/XCIN
P27/XCOUT
CNVSS
XIN
XOUT
VSS
P12/SCL2
P13/SDA1
P14/SDA2
P16/AD8/TIM2
P50/HSYNC
P51/VSYNC
P52/B
P53/G
P54/R
P55/OUT
CLKCONT/P10
P30/SDA3
P31/SCL3
P15
RESET
CVIN
VHOLD
VCC
HLF
FLIT
Outline 42P2R
10K


Similar Part No. - M37151MC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151MC-XXXFP RENESAS-M37151MC-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151MC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com