Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151MC Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M37151MC
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151MC Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M37151MC Datasheet HTML 85Page - Renesas Technology Corp M37151MC Datasheet HTML 86Page - Renesas Technology Corp M37151MC Datasheet HTML 87Page - Renesas Technology Corp M37151MC Datasheet HTML 88Page - Renesas Technology Corp M37151MC Datasheet HTML 89Page - Renesas Technology Corp M37151MC Datasheet HTML 90Page - Renesas Technology Corp M37151MC Datasheet HTML 91Page - Renesas Technology Corp M37151MC Datasheet HTML 92Page - Renesas Technology Corp M37151MC Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 89 of 136
REJ03B0129-0100Z
8.11.14 Raster Coloring Function
An entire screen (raster) can be colored by setting bits 4 to 0 of the
raster color register. Since each of the R, G, B, OUT pins can be
switched to raster coloring output, 8 raster colors can be obtained.
When the character color/character background color overlaps with
the raster color, the color (R, G, B, OUT), specified for the character
color/character background color, takes priority over the raster color.
This ensures that character color/character background color is not
mixed with the raster color.
The raster color register is shown in Figure 8.11.30, an example of
raster coloring is shown in Figure 8.11.31.
Fig. 8.11.30 Raster Color Register
b7 b6 b5 b4 b3 b2 b1 b0
Raster color register (RC) [Address 00D916]
B
Name
Functions
After reset R W
Raster Color Register
0
Raster color R
control bit (RC0)
0 : No output
1 : Output
0
1
Raster color G
control bit (RC1)
0 : No output
1 : Output
0
2
0 : No output
1 : Output
0
0
Raster color B
control bit (RC2)
RW
RW
RW
RW
3
0 : No output
1 : Output
Raster color OUT
control bit (RC3)
7
Fix these bits to “0.”
0
RW
0R W
00 0
Port function
selection bit (RC7)
0 : XCIN,
XCOUT
1 : P26, P27
4
to
6


Similar Part No. - M37151MC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151MC-XXXFP RENESAS-M37151MC-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151MC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com