Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M37151M6_02 Datasheet HTML 82Page - Renesas Technology Corp M37151M6_02 Datasheet HTML 83Page - Renesas Technology Corp M37151M6_02 Datasheet HTML 84Page - Renesas Technology Corp M37151M6_02 Datasheet HTML 85Page - Renesas Technology Corp M37151M6_02 Datasheet HTML 86Page - Renesas Technology Corp M37151M6_02 Datasheet HTML 87Page - Renesas Technology Corp M37151M6_02 Datasheet HTML 88Page - Renesas Technology Corp M37151M6_02 Datasheet HTML 89Page - Renesas Technology Corp M37151M6_02 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 86 of 136
REJ03B0129-0100Z
8.11.12 Window Function
This function sets the top and bottom boundaries for display limits
on a screen. The window function is valid only in the CC mode. The
top boundary is set by the window register 1 and bit 7 of block con-
trol register 1. The bottom boundary is set by window register 1 and
bit 7 of block control register 2. This function is turned on and off by
bit 2 of the OSD control register (refer to Figure 8.11.3).
Window registers 1 and 2 are shown in Figures 8.11.27 and 8.11.28.
Fig. 8.11.26 Example of Window Function
OSD mode
Window
FG H
I
J
CC mode
KL
M N O
CC mode
PQ R
S
T
CC mode
OSD mode
Bottom
boundary
of window
Top
boundary
of window
Screen
A BCD E
UV
W X
Y
The setting value per one step of the top and bottom window borders
can be switched to either 1TH or 2TH by setting “0” or “1” to bit 1 of
OSD control register 2 (address 02DB16).


Similar Part No. - M37151M6_02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6_02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com