Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CR3AMZ Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. CR3AMZ
Description  LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR3AMZ Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CR3AMZ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR3AMZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR3AMZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR3AMZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR〉
CR3AMZ
LOW POWER, STROBE USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3AMZ
APPLICATION
Automatic strobe flasher
V1. Refer to sections 1, 2 on STROBE FLASHER APPLICATION shown in the last sheet for CR3JM.
Symbol
IT (AV)
ITRM
PGM
PG (AV)
VFGM
IFGM
Tj
Tstg
Parameter
Average on-state current
Repetitive peak on-state current V1
Peak gate power dissipation
Average gate power dissipation
Peak gate forward voltage
Peak gate forward current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine half wave, 180
° conduction,
CM=700
µF with discharge current
Typical value
Unit
A
A
W
W
V
A
°C
°C
g
Ratings
0.4
200
0.5
0.1
6
0.5
–40 ~ +125
–40 ~ +125
1.1
•IT (AV) ........................................................................ 0.4A
•VDRM ....................................................................... 400V
•IGT ..........................................................................30mA
Symbol
VRRM
VRSM
VDRM
VDSM
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Repetitive peak off-state voltage
Non-repetitive peak off-state voltage
Voltage class
Unit
V
V
V
V
8
400
480
400
480
MAXIMUM RATINGS
TYPE NAME
VOLTAGE
CLASS
23
1
1.2±0.1
0.8
0.8
2.5 2.5
1.5 MIN
10 MAX
0.5
OUTLINE DRAWING
Dimensions
in mm
TO-202
2
1
3
1
2
3
CATHODE
ANODE
GATE


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CR3JM LOW POWER STROBE USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  Mitsubishi Electric Semiconductor
CR2AM LOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
CR3EM LOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  Mitsubishi Electric Semiconductor
CR03AM LOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  Mitsubishi Electric Semiconductor
CR08AS LOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
CR10CY MEDIUM POWER INVERTER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  Mitsubishi Electric Semiconductor
CR12AM MEDIUM POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
CR12BM MEDIUM POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
BCR16A MEDIUM POWER USE A B C : NON-INSULATED TYPE E : INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn