Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB859 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SB859
Description  Silicon PNP Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB859 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SB859 Datasheet HTML 1Page - Renesas Technology Corp 2SB859 Datasheet HTML 2Page - Renesas Technology Corp 2SB859 Datasheet HTML 3Page - Renesas Technology Corp 2SB859 Datasheet HTML 4Page - Renesas Technology Corp 2SB859 Datasheet HTML 5Page - Renesas Technology Corp 2SB859 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB859
Silicon PNP Triple Diffused
ADE-208-860 (Z)
1st. Edition
September 2000
Application
Low frequency power amplifier complementary pair with 2SD1135
Outline
1. Base
2. Collector
(Flange)
3. Emitter
TO-220AB
1
2
3
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Collector to base voltage
V
CBO
–100
V
Collector to emitter voltage
V
CEO
–80
V
Emitter to base voltage
V
EBO
–5
V
Collector current
I
C
–4
A
Collector peak current
I
C(peak)
–8
A
Collector power dissipation
P
C*
1
40
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–45 to +150
°C
Note:
1. Value at T
C = 25°C


Similar Part No. - 2SB859

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB859 HITACHI-2SB859 Datasheet
32Kb / 5P
   Silicon PNP Triple Diffused
logo
Savantic, Inc.
2SB859 SAVANTIC-2SB859 Datasheet
132Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB859 JMNIC-2SB859 Datasheet
193Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB859 ISC-2SB859 Datasheet
164Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB859 SAVANTIC-2SB859 Datasheet
133Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB859

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB859 HITACHI-2SB859 Datasheet
32Kb / 5P
   Silicon PNP Triple Diffused
2SB955 HITACHI-2SB955 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
List of Unclassifed Man...
2SA755 ETC-2SA755 Datasheet
40Kb / 1P
   SILICON PNP TRIPLE DIFFUSED
logo
Hitachi Semiconductor
2SB1032 HITACHI-2SB1032 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1091 HITACHI-2SB1091 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB1399 HITACHI-2SB1399 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1494 HITACHI-2SB1494 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
Renesas Technology Corp
2SB1530 RENESAS-2SB1530 Datasheet
147Kb / 7P
   Silicon PNP Triple Diffused
logo
Hitachi Semiconductor
2SB1389 HITACHI-2SB1389 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB566 HITACHI-2SB566 Datasheet
33Kb / 6P
   Silicon PNP Triple Diffused
2SB1079 HITACHI-2SB1079 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com