Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38062M2A-XXXFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38062M2A-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38062M2A-XXXFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38062M2A-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38062M2A-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38062M2A-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38062M2A-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38062M2A-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38062M2A-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38062M2A-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38062M2A-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38062M2A-XXXFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Rev.1.20
Dec 24, 2003
page 7 of 57
3822 Group (A ver.)
GROUP EXPANSION (A VERSION)
Mitsubishi plans to expand the 3822 group (A version) as follows:
Memory Type
Support for Mask ROM version.
Memory Size
ROM size ........................................................... 16 K to 48 K bytes
RAM size ............................................................ 512 to 1024 bytes
Package
80P6N-A .................................... 0.8 mm-pitch plastic molded QFP
80P6Q-A .................................... 0.5 mm-pitch plastic molded QFP
Currently products are listed below.
Memory Expansion Plan
Remarks
Package
Part number
As of Sep. 2002
RAM size (bytes)
16384
(16254)
ROM size (bytes) ROM
size for User in (
)
24576
(24446)
Fig. 5 Memory expansion plan for A version
Table 3 List of products for H version
M38223M4A-XXXFP
M38223M4A-XXXHP
M38224M6A-XXXFP
M38224M6A-XXXHP
M38227M8A-XXXFP
M38227M8A-XXXHP
M38227MCA-XXXFP
M38227MCA-XXXHP
512
80P6N-A
80P6Q-A
80P6N-A
80P6Q-A
80P6N-A
80P6Q-A
80P6N-A
80P6Q-A
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
640
32768
(32638)
49152
(49022)
1024
32K
28K
24K
20K
16K
12K
8K
4K
256
384
512
640
768
896
1024
192
M38223M4A
RAM size (bytes)
ROM size (bytes)
48K
M38224M6A
M38227M8A
M38227MCA


Similar Part No. - M38062M2A-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38062M2AFP RENESAS-M38062M2AFP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38062M2A-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com