Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M38B71M1 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M1 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M38B71M1 Datasheet HTML 11Page - Renesas Technology Corp M38B71M1 Datasheet HTML 12Page - Renesas Technology Corp M38B71M1 Datasheet HTML 13Page - Renesas Technology Corp M38B71M1 Datasheet HTML 14Page - Renesas Technology Corp M38B71M1 Datasheet HTML 15Page - Renesas Technology Corp M38B71M1 Datasheet HTML 16Page - Renesas Technology Corp M38B71M1 Datasheet HTML 17Page - Renesas Technology Corp M38B71M1 Datasheet HTML 18Page - Renesas Technology Corp M38B71M1 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
14
I/O PORTS
[Direction Registers] PiD
The 38B7 group has 75 programmable I/O pins arranged in ten in-
dividual I/O ports (P1, P3, P4, P5, P6, P7, P8, P9, PA and PB).
The I/O ports have direction registers which determine the input/
output direction of each individual pin. Each bit in a direction reg-
ister corresponds to one pin, and each pin can be set to be input
port or output port. When “0” is written to the bit corresponding to
a pin, that pin becomes an input pin. When “1” is written to that
pin, that pin becomes an output pin. If data is read from a pin set
to output, the value of the port output latch is read, not the value of
the pin itself. Pins set to input (the bit corresponding to that pin
must be set to “0”) are floating and the value of that pin can be
read. If a pin set to input is written to, only the port output latch is
written to and the pin remains floating.
Fig. 10 Structure of pull-up control registers (PULL1, PULL2 and PULL3)
[High-Breakdown-Voltage Output Ports]
The 38B7 group has seven ports with high-breakdown-voltage
pins (ports P0 to P5 and P60–P63). The high-breakdown-voltage
ports have P-channel open-drain output with Vcc – 45 V of break-
down voltage. Each pin in ports P0 to P3 has an internal pull-down
resistor connected to VEE. At reset, the P-channel output transis-
tor of each port latch is turned off, so that it goes to VEE level (“L”)
by the pull-down resistor.
Writing “1” (weak drivability) to bit 7 of the FLDC mode register
(address 0EF416) shows the rising transition of the output transis-
tors for reducing transient noise. At reset, bit 7 of the FLDC mode
register is set to “0” (strong drivability).
[Pull-up Control Register] PULL
Ports P64–P67, P7, P80–P83, P9, PA and PB have built-in pro-
grammable pull-up resistors. The pull-up resistors are valid only in
the case that the each control bit is set to “1” and the correspond-
ing port direction registers are set to input mode.
0: No pull-up
1: Pull-up
Pull-up control register 3
(PULL3 : address 0EEF16)
PA0, PA1 pull-up control bit
PA2, PA3 pull-up control bit
PA4, PA5 pull-up control bit
PA6, PA7 pull-up control bit
PB0, PB1 pull-up control bit
PB2, PB3 pull-up control bit
PB4, PB5 pull-up control bit
PB6 pull-up control bit
b7
b0
0: No pull-up
1: Pull-up
Pull-up control register 1
(PULL1 : address 0EF016)
P64, P65 pull-up control bit
P66, P67 pull-up control bit
P70, P71 pull-up control bit
P72, P73 pull-up control bit
P74, P75 pull-up control bit
P76, P77 pull-up control bit
Not used (returns “0” when read)
(Do not write “1”.)
b7
b0
Pull-up control register 2
(PULL2 : address 0EF116)
P80, P81 pull-up control bit
P82, P83 pull-up control bit
P90, P91 pull-up control bit
P92, P93 pull-up control bit
P94, P95 pull-up control bit
P96, P97 pull-up control bit
Not used (returns “0” when read)
(Do not write “1”.)
b7
b0
Not used (returns “0” when read)
(Do not write “1”.)
0: No pull-up
1: Pull-up


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn