Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M38B71M1 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M1 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button M38B71M1 Datasheet HTML 89Page - Renesas Technology Corp M38B71M1 Datasheet HTML 90Page - Renesas Technology Corp M38B71M1 Datasheet HTML 91Page - Renesas Technology Corp M38B71M1 Datasheet HTML 92Page - Renesas Technology Corp M38B71M1 Datasheet HTML 93Page - Renesas Technology Corp M38B71M1 Datasheet HTML 94Page - Renesas Technology Corp M38B71M1 Datasheet HTML 95Page - Renesas Technology Corp M38B71M1 Datasheet HTML 96Page - Renesas Technology Corp M38B71M1 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
92
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
q Error check command
Input command code 8016 in the first transfer, and the M38B79FF
outputs error information from the SDA pin, beginning at the next
falling edge of the serial clock. If the LSB bit of the 8-bit error infor-
mation is 1, it indicates that a command error has occurred. A
command error means that some invalid commands other than
commands shown in Table 20 has been input.
When a command error occurs, the serial communication circuit
sets the corresponding flag and stops functioning to avoid an erro-
neous programming or erase. When being placed in this state, the
serial communication circuit does not accept the subsequent serial
clock and data (even including an error check command). There-
fore, if the user wants to execute an error check command,
temporarily drop the VPP pin input to the VPPL level to terminate
the serial input/output mode. Then, place the M38B79FF into the
serial I/O mode back again. The serial communication circuit is re-
set by this operation and is ready to accept commands. The error
flag alone is not cleared by this operation, so the user can exam-
ine the serial communication circuit’s error conditions before reset.
This examination is done by the first execution of an error check
command after the reset. The error flag is cleared when the user
has executed the error check command. Because the error flag is
undefined immediately after power-on, always be sure to execute
the error check command.
Fig. 97 Timings at error checking
SCLK
BUSY
OE
SDA
E0
tCH
Command code input (8016)
Error flag output
00000001
??????
Note: When outputting the error flag, the SDA pin is switched for output at the first falling edge of the serial clock. The SDA pin is placed
in the floating state during the period of th(C-E) after the last rising edge of the serial clock (at the 8th bit).
?
“H”
“L”


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn