Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M38B71M1 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M1 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M38B71M1 Datasheet HTML 85Page - Renesas Technology Corp M38B71M1 Datasheet HTML 86Page - Renesas Technology Corp M38B71M1 Datasheet HTML 87Page - Renesas Technology Corp M38B71M1 Datasheet HTML 88Page - Renesas Technology Corp M38B71M1 Datasheet HTML 89Page - Renesas Technology Corp M38B71M1 Datasheet HTML 90Page - Renesas Technology Corp M38B71M1 Datasheet HTML 91Page - Renesas Technology Corp M38B71M1 Datasheet HTML 92Page - Renesas Technology Corp M38B71M1 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
88
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Table 19 Pin description (flash memory serial I/O mode)
VCC, VSS
CNVSS
_____
RESET
XIN
XOUT
AVSS
VREF
P00–P07
P10–P17
P20–P27
P30–P36
P37
P40–P47
P50–P57
P60–P63, P65
P64
P66
P67
P70–P77
P80–P83
P90–P97
PA0–PA7
PB0–PB6
VEE
Pin
Power supply
VPP input
Reset input
Clock input
Clock output
Analog supply input
Reference voltage input
Input port P0
Input port P1
Input port P2
Input port P3
Control signal input
Input port P4
Input port P5
Input port P6
SDA I/O
SCLK input
BUSY output
Input port P7
Input port P8
Input port P9
Input port PA
Input port PB
Pull-down power supply
Name
Input
Input
Input
Output
Input
Input
Input
Input
Input
Input
Input
Input
Input
I/O
Input
Output
Input
Input
Input
Input
Input
Input
/Output
Functions
Supply 5 V ± 10 % to VCC and 0 V to VSS.
Connect to 11.7 V to 12.6 V.
Connect to VSS.
Connect a ceramic resonator between XIN and XOUT.
Connect to VSS.
Input an arbitrary level between the range of VSS and VCC.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
__
OE input pin
Input “H” or “L” , or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L” to P60–P63, P65, or keep them open.
This pin is for serial data I/O.
This pin is for serial clock input.
This pin is for BUSY signal output.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Keep this open.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn