Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M38B71M1 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

M38B71M1 Datasheet(HTML) 87 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
86
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Table 16 DC ELECTRICAL CHARACTERISTICS (Ta = 25 °C, VCC = 5 V ± 10 %, unless otherwise noted)
Symbol
Max.
1
100
15
15
15
10
100
100
30
30
0.2Vcc
VCC
VCC + 1.0
12.6
__
VCC = 5.5 V, CE = VIH
VCC = 5.5 V,
__
CE = VCC ± 0.2 V
__
VCC = 5.5 V, CE = VIL,
tRC = 150 ns, IOUT = 0 mA
VPP = VPPH
VPP = VPPH
0
≤VPP≤VCC
VCC<VPP
≤VCC + 1.0 V
VPP = VPPH
VPP = VPPH
VPP = VPPH
IOH = –400
µA
IOH = –100
µA
ISB1
ISB2
ICC1
ICC2
ICC3
IPP1
IPP2
IPP3
VIL
VIH
VOH1
VOH2
VPPL
VPPH
VCC supply current (at standby)
VCC supply current (at read)
VCC supply current (at program)
VCC supply current (at erase)
VPP supply current (at read)
VPP supply current (at program)
VPP supply current (at erase)
“L” input voltage
“H” input voltage
“H” output voltage
VPP supply voltage (read only)
VPP supply voltage (read/write)
Parameter
Test conditions
Typ.
Min.
Limits
mA
µA
mA
mA
mA
µA
µA
µA
mA
mA
V
V
V
V
V
V
Unit
0
0.52Vcc
2.4
VCC –0.4
VCC
11.7
12.0
AC ELECTRICAL CHARACTERISTICS (Ta = 25 °C, VCC = 5 V ± 10 %, unless otherwise noted)
Table 17 Read-only mode
Symbol
Max.
Parameter
Min.
Limits
Unit
tRC
ta(AD)
ta(CE)
ta(OE)
tCLZ
tOLZ
tDF
tDH
tWRR
Read cycle time
Address access time
__
CE access time
__
OE access time
__
Output enable time (after CE)
__
Output enable time (after OE)
__
Output floating time (after OE)
__
__
Output valid time (after CE, OE, address)
Write recovery time (before read)
500
0
0
0
6
500
500
200
70
ns
ns
ns
ns
ns
ns
ns
ns
µs
Table 18 Read/Write mode
Symbol
Max.
Parameter
Min.
Limits
Unit
tWC
tAS
tAH
tDS
tDH
tWRR
tRRW
tCS
tCH
tWP
tWPH
tDP
tDE
tVSC
Write cycle time
Address set up time
Address hold time
Data setup time
Data hold time
Write recovery time (before read)
Read recovery time (before write)
__
CE setup time
__
CE hold time
Write pulse width
Write pulse waiting time
Program time
Erase time
VPP setup time
300
0
120
100
20
6
0
40
0
120
40
10
9.5
1
ns
ns
ns
ns
ns
µs
µs
ns
ns
ns
ns
µs
ms
µs
Note: Read timing of Read/Write mode is same as Read-only mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn