Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M38B71M1 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M1 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M38B71M1 Datasheet HTML 72Page - Renesas Technology Corp M38B71M1 Datasheet HTML 73Page - Renesas Technology Corp M38B71M1 Datasheet HTML 74Page - Renesas Technology Corp M38B71M1 Datasheet HTML 75Page - Renesas Technology Corp M38B71M1 Datasheet HTML 76Page - Renesas Technology Corp M38B71M1 Datasheet HTML 77Page - Renesas Technology Corp M38B71M1 Datasheet HTML 78Page - Renesas Technology Corp M38B71M1 Datasheet HTML 79Page - Renesas Technology Corp M38B71M1 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
75
Fig. 83 Digit timing waveform (1)
Power Dissipation Calculating Example 1
(Fixed number depending on microcomputer’s standard)
• VOH output fall voltage of high-breakdown port
2 V (max.); | Current value | = at 18 mA
• Resistor value 43 V / 900
µs = 48 kΩ (min.)
• Power dissipation of internal circuit (CPU, ROM, RAM etc.)
= 5 V ✕ 15 mA = 75 mW
(Fixed number depending on use condition)
• Apply voltage to VEE pin: Vcc – 45 V
• Timing number 17; digit number 16; segment number 20
• Ratio of Toff time corresponding Tdisp time: 1/16
• Turn ON segment number during repeat cycle: 31
• All segment number during repeat cycle: 340 (= 17 ✕ 20)
• Total number of built-in resistor: for digit, 16; for segment, 20
• Digit pin current value 18 (mA)
• Segment pin current value 3 (mA)
(1) Digit pin power dissipation
{18 ✕ 16 ✕ (1 – 1 / 16) ✕ 2} / 17 = 31.77 mW
(2) Segment pin power dissipation
{3 ✕ 31 ✕ (1– 1 / 16) ✕ 2} / 17 = 10.26 mW
(3) Pull-down resistor power dissipation (digit)
[{45 – 2}2/ 48 ✕ (16 ✕ 16 / 16) ✕ (1 – 1 / 16)] / 17 = 33.94 mW
(4) Pull-down resistor power dissipation (segment)
[{45 – 2}2/ 48 ✕ (31 ✕ 20 / 20) ✕ (1 – 1 / 16)] / 17 = 65.86 mW
(5) Internal circuit power dissipation (CPU, ROM, RAM etc.)
= 75 mW
(1) + (2)+ (3) + (4) + (5) = 217 mW
DIG0
DIG1
DIG2
DIG3
DIG13
DIG14
DIG15
Timing
number
12
3
16
17
15
14
Tscan
Repeat cycle


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn