Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M38B71M1 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M1 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M38B71M1 Datasheet HTML 54Page - Renesas Technology Corp M38B71M1 Datasheet HTML 55Page - Renesas Technology Corp M38B71M1 Datasheet HTML 56Page - Renesas Technology Corp M38B71M1 Datasheet HTML 57Page - Renesas Technology Corp M38B71M1 Datasheet HTML 58Page - Renesas Technology Corp M38B71M1 Datasheet HTML 59Page - Renesas Technology Corp M38B71M1 Datasheet HTML 60Page - Renesas Technology Corp M38B71M1 Datasheet HTML 61Page - Renesas Technology Corp M38B71M1 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
57
P64 to P67 Expansion Function
Ports P64 to P67 are CMOS output structure. FLD digit outputs
can be increased as many as 16 lines by connecting a decoder
converting 4-bit to 16-bit data to these ports. P64 to P67 have the
function to allow for connection to a decoder converting 4-bit to
16-bit data.
(1) P64 to P67 Toff invalid function
This function disables the Toff1 time and Toff2 time and outputs
display data for the duration of Tdisp. (See Figure 57.) This can be
achieved by setting the P64 to P67 Toff invalid bit (bit 2 of address
0EFC16) to “1”.
(2) Dimmer signal output function
This function allows a dimmer signal creation signal to be output
from DIMOUT (P73). The dimmer function can be achieved by con-
trolling the decoder with this signal. (See Figure 57.) This function
can be set by setting P73 dimmer output control bit (bit 4 of ad-
dress 0EFC16) to “1”.
Unlike the Toff section generating/nothing function, this function
disables all display data.
Fig. 57 P64 to P67 FLD output pulses
(3) P64 to P67 FLD output reverse function
P64 to P67 have the function to reverse the polarity of the FLD out-
put. This function is useful in adjusting the polarity when using an
externally installed driver.
The output polarity can be reversed by setting the P64 to P67 out-
put reverse bit of the FLD output control register (bit 0 of address
0EFC16) to “1”.
s Note
In the case of gradation display mode and dark display, P64 to P67
Toff invalid function is disabled.
Tdisp
Toff2
Toff1
For dimmer signal
DIMOUT (P73)
FLD output
•Gradation display mode is not selected
•Gradation display mode is selected and
set for bright display
(gradation display control data = “0”)
•Gradation display mode is selected and
set for dark display
(gradation display control data = “1”)
•Gradation display mode is selected and
Toff2 SET/RESET switch bit is “1”
(gradation display control data = “1”)
Output selecting P64 to P67
Toff invalid


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn