Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M38B71M1 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M1 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M38B71M1 Datasheet HTML 52Page - Renesas Technology Corp M38B71M1 Datasheet HTML 53Page - Renesas Technology Corp M38B71M1 Datasheet HTML 54Page - Renesas Technology Corp M38B71M1 Datasheet HTML 55Page - Renesas Technology Corp M38B71M1 Datasheet HTML 56Page - Renesas Technology Corp M38B71M1 Datasheet HTML 57Page - Renesas Technology Corp M38B71M1 Datasheet HTML 58Page - Renesas Technology Corp M38B71M1 Datasheet HTML 59Page - Renesas Technology Corp M38B71M1 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
55
Fig. 55 Timing using digit interrupt
FLD Automatic Display Start
Automatic display starts by setting both the automatic display con-
trol bit (bit 0 of address 0EF416) and the display start bit (bit 1 of
address 0EF416) to “1”. The RAM contents at a location apart from
the start address of the automatic display RAM for each port by
(FLD data pointer (address 0EF816) – 1) are output to each port.
The FLD data pointer (address 0EF816) counts down in the Tdisp
interval. When the count results in “FF16”, the pointer is reloaded
and starts counting over again. Before setting the display start bit
(bit 1 of address 0EF416) to “1”, be sure to set the FLD/port switch
registers, digit output set switch registers, FLDC mode register,
Tdisp time set register, Toff1 time set register, Toff2 time set regis-
ter, and FLD data pointer.
During FLD automatic display, the display start bit always keeps
“1”, and FLD automatic display can be interrupted by writing “0” to
this bit.
Key-scan and Interrupt
Either the FLD digit interrupt or FLD blanking interrupt can be se-
lected using the Tscan control bits (bits 2, 3 of address 0EF416).
The FLD digit interrupt is generated when the Toff1 time in each
timing expires (at rising edge of digit output). Key scanning that
makes use of FLD digits can be achieved using each FLD digit in-
terrupt. To use FLD digit interrupts for key scanning, follow the
procedure described below:
(1) Read the port value each time the interrupt occurs.
(2) The key is fixed on the last digit interrupt.
The output digit positions can be determined by reading the FLD
data pointer (address 0EF816).
FLD digit output
Tdisp
Tn
Tn-1 Tn-2
T4
T3
T2
T1
Tn
Tn-1 Tn-2
T4
Toff1
FLD digit interrupt generated at the rising edge of digit (each timing)
Repeat cycle


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn