Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M38B71M1 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M1 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button M38B71M1 Datasheet HTML 47Page - Renesas Technology Corp M38B71M1 Datasheet HTML 48Page - Renesas Technology Corp M38B71M1 Datasheet HTML 49Page - Renesas Technology Corp M38B71M1 Datasheet HTML 50Page - Renesas Technology Corp M38B71M1 Datasheet HTML 51Page - Renesas Technology Corp M38B71M1 Datasheet HTML 52Page - Renesas Technology Corp M38B71M1 Datasheet HTML 53Page - Renesas Technology Corp M38B71M1 Datasheet HTML 54Page - Renesas Technology Corp M38B71M1 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
50
Fig. 50 FLD automatic display RAM assignment
FLD Automatic Display RAM
The FLD automatic display RAM uses the 224 bytes of addresses
0E0016 to 0EDF16. For FLD, the 3 modes of 16-timing•ordinary
mode, 16-timing•gradation display mode and 32-timing mode are
available depending on the number of timings and the use/not use
of gradation display.
The automatic display RAM in each mode is as follows:
(1) 16-timing•ordinary mode
This mode is used when the display timing is 16 or less. The 112
bytes of addresses 0E7016 to 0EDF16 are used as a FLD display
data store area. Because addresses 0E0016 to 0E6F16 are not
used as the automatic display RAM, they can be the ordinary
RAM.
(2) 16-timing•gradation display mode
This mode is used when the display timing is 16 or less, in which
mode each segment can be set for dark or bright display. The 224
bytes of addresses 0E0016 to 0EDF16 are used. The 112 bytes of
addresses 0E7016 to 0EDF16 are used as an FLD display data
store area, while the 112 bytes of addresses 0E0016 to 0E6F16 are
used as a gradation display control data store area.
(3) 32-timing mode
This mode is used when the display timing is 16 or greater. This
mode can be used for up to 32-timing.
The 224 bytes of addresses 0E0016 to 0EDF16 are used as an
FLD display data store area.
The FLD data pointer (address 0EF816) is a register to count dis-
play timings. This pointer has a reload register. When the pointer
underflow occurs, it starts counting over again after being re-
loaded with the initial value in the reload register. Make sure that
(the timing counts – 1) is set to the FLD data pointer. When writing
data to this address, the data is written to the FLD data pointer re-
load register; when reading data from this address, the value in
the FLD data pointer is read.
16-timing•ordinary mode
0EDF16
0E7016
0E0016
0EDF16
0E0016
0EDF16
0E7016
0E0016
16-timing•gradation display mode
32-timing mode
1 to 32 timing display
data stored area
Gradation display
control data stored
area
1 to 16 timing display
data stored area
1 to 16 timing display
data stored area
Not used


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn