Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M38B71M1 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part No. M38B71M1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M1 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M38B71M1 Datasheet HTML 40Page - Renesas Technology Corp M38B71M1 Datasheet HTML 41Page - Renesas Technology Corp M38B71M1 Datasheet HTML 42Page - Renesas Technology Corp M38B71M1 Datasheet HTML 43Page - Renesas Technology Corp M38B71M1 Datasheet HTML 44Page - Renesas Technology Corp M38B71M1 Datasheet HTML 45Page - Renesas Technology Corp M38B71M1 Datasheet HTML 46Page - Renesas Technology Corp M38B71M1 Datasheet HTML 47Page - Renesas Technology Corp M38B71M1 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
43
FLD CONTROLLER
The M38B7 group has fluorescent display (FLD) drive and control
circuits.
Table 9 shows the FLD controller specifications.
Specifications
• 52 pins (20 pins can be switched to general-purpose ports)
• 4 pins (all 4 pins can be switched to general-purpose ports)
(A driver IC must be installed externally)
• Used FLD output
28 segment ✕ 28 digit (segment number + digit number
≤ 56)
• Used digit output
40 segment ✕ 16 digit (segment number
≤ 40, digit number ≤ 16)
• Connected to M35501
56 segment ✕ (connected number of M35501) digit
(segment number
≤ 56, digit number ≤ number of M35501 ✕ 16)
• Used P64 to P67 expansion
52 segment ✕ 16 digit (segment number
≤ 52, digit number ≤ 16)
• 4.0
µs to 1024 µs (count source XIN/16, 4 MHz)
• 16.0
µs to 4096 µs (count source XIN/64, 4 MHz)
• 4.0
µs to 1024 µs (count source XIN/16, 4 MHz)
• 16.0
µs to 4096 µs (count source XIN/64, 4 MHz)
• Digit interrupt
• FLD blanking interrupt
• Key-scan using digit
• Key-scan using segment
• Digit pulse output function
This function automatically outputs digit pulses.
• M35501 connection function
The number of digits can be increased easily by using the output of DIMOUT(P73) as CLK for the
M35501.
• Toff section generating/nothing function
This function does not generate Toff1 section when the connected outputs are the same.
• Gradation display function
This function allows each segment to be set for dark or bright display.
• P64 to P67 expansion function
This function provides 16 lines of digit outputs from four ports by attaching the decoder converting
4-bit data to 16-bit data.
Item
FLD
controller
port
High-breakdown-
voltage output port
CMOS port
Display pixel number
Period
Dimmer time
Interrupt
Key-scan
Expanded function
Table 9 FLD controller specifications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3803LSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37450M2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 Mitsubishi Electric Semiconductor
3804HSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
3826OTPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D2SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38D5_08SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
38K0SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn