Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M03623FC Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M03623FC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M03623FC Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M03623FC Datasheet HTML 2Page - Renesas Technology Corp M03623FC Datasheet HTML 3Page - Renesas Technology Corp M03623FC Datasheet HTML 4Page - Renesas Technology Corp M03623FC Datasheet HTML 5Page - Renesas Technology Corp M03623FC Datasheet HTML 6Page - Renesas Technology Corp M03623FC Datasheet HTML 7Page - Renesas Technology Corp M03623FC Datasheet HTML 8Page - Renesas Technology Corp M03623FC Datasheet HTML 9Page - Renesas Technology Corp M03623FC Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Mitsubishi microcomputers
M16C / 62M (80-pin version) Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
5
Mitsubishi plans to release the following products in the M16C/62M (80-pin version) group (low voltage
version):
(1) Support for mask ROM version and flash memory version
(2) ROM capacity
(3) Package
80P6S-A
: Plastic molded QFP (mask ROM and flash memory versions)
The M16C/62M (80-pin version) group (low voltage version) products currently supported are listed in Table
1.1.2.
Table 1.1.2. M16C/62M (80-pin version) group (low voltage version)
ROM Size
(Byte)
External
ROM
128K
96K
64K
32K
Mask ROM version
Flash memory version
256K
M30621MCM-XXXGP
M30625MGM-XXXGP
M30625FGMGP
M30621FCMGP
80K
RAM capacity
ROM capacity
Package type
Remarks
Type No
As of April 2002
mask ROM version
Flash memory 3V version
M30625MGM-XXXGP
80P6S-A
256 Kbytes
20 Kbytes
M30621MCM-XXXGP
80P6S-A
128 Kbytes
10 Kbytes
M30621FCMGP
80P6S-A
128 Kbytes
10 Kbytes
M30625FGMGP
80P6S-A
256 Kbytes
20 Kbytes
Figure 1.1.3. ROM expansion


Similar Part No. - M03623FC

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M030G NUVOTON-M030G Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GC1AE NUVOTON-M030GC1AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GC2AE NUVOTON-M030GC2AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GD1AE NUVOTON-M030GD1AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GD2AE NUVOTON-M030GD2AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
More results

Similar Description - M03623FC

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com