Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1133 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SD1133
Description  Silicon NPN Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1133 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SD1133 Datasheet HTML 1Page - Renesas Technology Corp 2SD1133 Datasheet HTML 2Page - Renesas Technology Corp 2SD1133 Datasheet HTML 3Page - Renesas Technology Corp 2SD1133 Datasheet HTML 4Page - Renesas Technology Corp 2SD1133 Datasheet HTML 5Page - Renesas Technology Corp 2SD1133 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SD1133, 2SD1134
3
TC = 25°C
IB = 0
10 mA
20
30
40
50
60
70
80
90
5
4
3
2
1
02
4
Collector to emitter voltage VCE (V)
8
610
Typical Output Characteristics
5
2
1.0
0.5
0.2
0.1
0.05
0.02
0.01
0
0.6
1.0
0.2
0.8
1.4
1.2
Base to emitter voltage VBE (V)
0.4
VCE = 4 V
Typical Transfer Characteristics
1,000
500
200
100
50
20
5
10
0.01 0.02
0.05
2
Collector current IC (A)
0.1
0.5
5
0.2
1.0
VCE = 4 V
DC Current Transfer Ratio
vs. Collector Current
TC = 75°C
25
–25
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.2
0.01 0.02
1.0
0.05 0.1
0.5
2
5
Collector to Emitter Saturation Voltage
vs. Collector Current
Collector current IC (A)
IC = 10 IB
TC = 75°C
25
–25


Similar Part No. - 2SD1133

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1133 HITACHI-2SD1133 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
logo
Inchange Semiconductor ...
2SD1133 ISC-2SD1133 Datasheet
111Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SD1133 SAVANTIC-2SD1133 Datasheet
126Kb / 4P
   Silicon NPN Power Transistors
2SD1133 SAVANTIC-2SD1133 Datasheet
127Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1133

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com