Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVCH16269 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74ALVCH16269
Description  12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVCH16269 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74ALVCH16269 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HD74ALVCH16269
Rev.2.00, Oct.02.2003, page 4 of 12
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.5 to 4.6
V
Input voltage
*1, 2
VI
–0.5 to 4.6
V
Except I/O ports
–0.5 to VCC +0.5
I/O ports
Output voltage
*1, 2
VO
–0.5 to VCC +0.5
V
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±50
mA
VO = 0 to VCC
±100
Maximum power dissipation
at Ta = 55°C (in still air)
*3
PT
1W
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
1. The input and output negative voltage ratings may be exceeded if the input and output clamp
current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation is calculated using a junction temperature of 150°C
and a board trace length of 750 mils.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage
VCC
2.3
3.6
V
Input voltage
VI
0VCC
V
Output voltage
VO
0VCC
V
–12
VCC = 2.3 V
–12
VCC = 2.7 V
High level output current
IOH
–24
mA
VCC = 3.0 V
—12
VCC = 2.3 V
—12
VCC = 2.7 V
Low level output current
IOL
—24
mA
VCC = 3.0 V
Input transition rise or fall rate
∆t / ∆v
0
10
ns / V
Operating temperature
Ta
–40
85
°C
Note: Unused control inputs must be held high or low to prevent them from floating.


Similar Part No. - HD74ALVCH16269

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16269 HITACHI-HD74ALVCH16269 Datasheet
66Kb / 13P
   12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
More results

Similar Description - HD74ALVCH16269

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16269 HITACHI-HD74ALVCH16269 Datasheet
66Kb / 13P
   12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16270 PERICOM-PI74ALVCH16270 Datasheet
156Kb / 5P
   12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16270 TI-SN74ALVCH16270 Datasheet
138Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC16268 PERICOM-PI74AVC16268 Datasheet
545Kb / 11P
   12-Bit to 24-Bit Registered Bus Exchanger with 3-State Outputs
logo
Texas Instruments
SN74AVC16269 TI1-SN74AVC16269 Datasheet
501Kb / 17P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A_08 Datasheet
350Kb / 14P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268_08 Datasheet
476Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com