Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSB83YP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSB83YP
Description  Silicon Epitaxial Planar Diode for High Voltage Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSB83YP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSB83YP Datasheet HTML 1Page - Renesas Technology Corp HSB83YP Datasheet HTML 2Page - Renesas Technology Corp HSB83YP Datasheet HTML 3Page - Renesas Technology Corp HSB83YP Datasheet HTML 4Page - Renesas Technology Corp HSB83YP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSB83YP
Rev.1.00 Mar 04, 2005 page 2 of 4
Absolute Maximum Ratings *
2
(Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM
300
V
Reverse voltage
VR
250
V
Peak forward current
IFM
300
mA
Non-Repetitive peak forward surge current
IFSM *
1
2
A
Average rectified current
IO
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Notes: 1. Value at duration of 10 ms.
2. Two device total.
Electrical Characteristics *
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
1.2
V
IF = 100 mA
IR1
0.2
VR = 250 V
Reverse current
IR2
100
µA
VR = 300 V
Capacitance
C
3.0
pF
VR = 0 V, f = 1 MHz
Reverse recovery time
trr
100
ns
IF = IR = 30 mA, Irr = 3 mA, RL= 100 Ω
Note
: Per one device.


Similar Part No. - HSB83YP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB83YP HITACHI-HSB83YP Datasheet
23Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
More results

Similar Description - HSB83YP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSS81 HITACHI-HSS81 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
RKH0160AKU RENESAS-RKH0160AKU Datasheet
84Kb / 8P
   Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 RENESAS-HSS82 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
HSK83 RENESAS-HSK83 Datasheet
52Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
1SS83 RENESAS-1SS83 Datasheet
140Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Hitachi Semiconductor
HSS82 HITACHI-HSS82 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
1SS81 RENESAS-1SS81 Datasheet
138Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
RKS101KG RENESAS-RKS101KG Datasheet
204Kb / 8P
   Silicon Epitaxial Planar Diode for High Voltage Switching
Nov 28, 2008
logo
Hitachi Semiconductor
1SS81 HITACHI-1SS81 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
RKH0145AKU RENESAS-RKH0145AKU Datasheet
81Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com