Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRU0302A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HRU0302A
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRU0302A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HRU0302A Datasheet HTML 1Page - Renesas Technology Corp HRU0302A Datasheet HTML 2Page - Renesas Technology Corp HRU0302A Datasheet HTML 3Page - Renesas Technology Corp HRU0302A Datasheet HTML 4Page - Renesas Technology Corp HRU0302A Datasheet HTML 5Page - Renesas Technology Corp HRU0302A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HRU0302A
Rev.10.00 Mar 31, 2006 page 3 of 5
Main Characteristic
0
5
10
15
20
25
Pulse test
10
–1
10
–6
10
–3
10
–2
10
–5
10
–4
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Ta = 75
°C
Ta = 25
°C
10
1.0
100
1.0
40
10
f=1MHz
Pulse test
Pulse test
10
10
–4
10
–1
1.0
10
–3
10
–2
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Ta = 75
°C
Ta = 25
°C
0
0.2
0.40.6
0.81.0


Similar Part No. - HRU0302A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRU0302A HITACHI-HRU0302A Datasheet
28Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - HRU0302A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com