Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628512CLPI-7 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HM628512CLPI-7
Description  Wide Temperature Range Version 4 M SRAM (512-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM628512CLPI-7 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HM628512CLPI-7 Datasheet HTML 4Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 5Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 6Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 7Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 8Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 9Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 10Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 11Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HM628512CI Series
6
DC Characteristics
Parameter
Symbol
Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|—
1
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|—
1
µA
CS = V
IH or OE = VIH or
WE = V
IL, VI/O = VSS to V CC
Operating power supply current: DC
I
CC
1.5
3
mA
CS = V
IL,
others = V
IH/VIL, II/O = 0 mA
Operating power
supply current
HM628512CI-5
I
CC1
8
25
mA
Min cycle, duty = 100%
CS = V
IL, others = VIH/VIL
I
I/O = 0 mA
HM628512CI-7
I
CC1
7
25
mA
Operating power supply current
I
CC2
2
5
mA
Cycle time = 1
µs,
duty = 100%
I
I/O = 0 mA, CS ≤ 0.2 V
V
IH ≥ V CC – 0.2 V, VIL ≤ 0.2 V
Standby power supply current: DC
I
SB
0.1
0.5
mA
CS = V
IH
Standby power supply current (1): DC I
SB1
0.8*
2
20*
2
µA
Vin
≥ 0 V, CS ≥ V
CC – 0.2 V
Output low voltage
V
OL
0.4
V
I
OL = 2.1 mA
Output high voltage
V
OH
2.4
V
I
OH = –1.0 mA
Notes: 1. Typical values are at V
CC = 5.0 V, Ta = +25°C and specified loading, and not guaranteed.
Capacitance (Ta = +25
°C, f = 1 MHz)
Parameter
Symbol
Typ
Max
Unit
Test conditions
Input capacitance*
1
Cin
8
pF
Vin = 0 V
Input/output capacitance*
1
C
I/O
10*
2
pF
V
I/O = 0 V
Note:
1. This parameter is sampled and not 100% tested.
2. C
I/O max = 12 pF only for HM628512CLPI Series.


Similar Part No. - HM628512CLPI-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512CLPI-7 HITACHI-HM628512CLPI-7 Datasheet
83Kb / 17P
   Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
More results

Similar Description - HM628512CLPI-7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM6216514I RENESAS-HM6216514I_15 Datasheet
121Kb / 20P
   Wide Temperature Range Version 8 M SRAM (512-kword 쨈 16-bit)
HM628100I RENESAS-HM628100I_15 Datasheet
114Kb / 19P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM62V8100I RENESAS-HM62V8100I Datasheet
108Kb / 21P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
logo
Hitachi Semiconductor
R1LP0408C HITACHI-R1LP0408C Datasheet
78Kb / 14P
   Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
HM628512CI HITACHI-HM628512CI Datasheet
83Kb / 17P
   Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
   4 M SRAM (512-kword 쨈 8-bit)
HM62V8512C RENESAS-HM62V8512C Datasheet
100Kb / 18P
   4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI Datasheet
80Kb / 15P
   4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com