Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM62W16258BI Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. HM62W16258BI
Description  4 M SRAM (256-kword ´ 16-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HM62W16258BI Datasheet(HTML) 7 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HM62W16258BI Series
5
DC Characteristics
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|—
1
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|—
1
µA
CS = V
IH or OE = VIH or WE = VIL, or
LB = UB =V
IH,, VI/O = VSS to V CC
Operating current
I
CC
20
mA
CS = V
IL, Others = VIH/VIL, II/O = 0 mA
Average
operating
current
HM62W16258BI-7 I
CC1
70
mA
Min. cycle, duty = 100%,
I
I/O = 0 mA, CS = VIL,
Others = V
IH/VIL
I
CC2
3
15
mA
Cycle time = 1
µs, duty = 100%,
I
I/O = 0 mA, CS ≤ 0.2 V,
V
IH ≥ V CC – 0.2 V, VIL ≤ 0.2 V
Standby current
I
SB
0.3
mA
CS = V
IH
Standby current
I
SB1
—1
40
µA
0 V
≤ Vin
CS
≥ V
CC – 0.2 V
Output high voltage
V
OH
2.4
V
I
OH = –1 mA
V
CC – 0.2 —
V
I
OH = –100 µA
Output low voltage
V
OL
0.4
V
I
OL = 2 mA
0.2
V
I
OL = 100 µA
Notes: 1. Typical values are at V
CC = 3.0 V, Ta = +25°C and not guaranteed.
Capacitance (Ta = +25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Input capacitance
Cin
8
pF
Vin = 0 V
1
Input/output capacitance
C
I/O
10
pF
V
I/O = 0 V
1
Note:
1. This parameter is sampled and not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn