Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM62V16256C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HM62V16256C
Description  4 M SRAM (256-kword ´ 16-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HM62V16256C Datasheet(HTML) 3 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HM62V16256C Series
4 M SRAM (256-kword
× 16-bit)
ADE-203-1099G (Z)
Rev. 4.0
Jul. 31, 2002
Description
The Hitachi HM62V16256C Series is 4-Mbit static RAM organized 262,144-word
× 16-bit. HM62V16256C
Series has realized higher density, higher performance and low power consumption by employing CMOS
process technology (6-transistor memory cell). It offers low power standby power dissipation; therefore, it is
suitable for battery backup systems. It is packaged in standard 44-pin plastic TSOPII.
Features
Single 2.5 V and 3.0 V supply: 2.2 V to 3.6 V
Fast access time: 55 ns (max)
Power dissipation:
 Active: 5.0 mW/MHz (typ)(V
CC = 2.5 V)
: 6.0 mW/MHz (typ) (V
CC = 3.0 V)
 Standby: 2 µW (typ) (V
CC = 2.5 V)
: 2.4
µW (typ) (V
CC = 3.0 V)
Completely static memory.
 No clock or timing strobe required
Equal access and cycle times
Common data input and output.
 Three state output
Battery backup operation.
 2 chip selection for battery backup


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn