Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM62V16256C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. HM62V16256C
Description  4 M SRAM (256-kword ´ 16-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HM62V16256C Datasheet(HTML) 8 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HM62V16256C Series
6
DC Characteristics
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|—
1
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|—
1
µA
CS1 = V
IH or CS2 = VIL or
OE = V
IH or WE = VIL or
LB = UB = V
IH, VI/O = VSS to V CC
Operating current
I
CC
5
20
mA
CS1 = V
IL, CS2 = VIH,
Others = V
IH/VIL, II/O = 0 mA
Average operating current
I
CC1
8
25
mA
Min. cycle, duty = 100%,
I
I/O = 0 mA, CS1 = VIL, CS2 = VIH,
Others = V
IH/VIL
I
CC2
2
5
mA
Cycle time = 1
µs, duty = 100%,
I
I/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ V
CC – 0.2 V
V
IH ≥ V CC – 0.2 V, VIL ≤ 0.2 V
Standby current
I
SB
0.1
0.3
mA
CS2 = V
IL
Standby current
I
SB1*
2
0.5
20
µA
0 V
≤ Vin
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2)
CS1
≥ V
CC – 0.2 V,
CS2
≥ V
CC – 0.2 V or
(3)
LB = UB
≥ V
CC – 0.2 V
CS2
≥ V
CC – 0.2 V
CS1
≤ 0.2 V
I
SB1*
3
0.5
10
µA
Output high
voltage
V
CC =2.2 V to 2.7 V VOH
2.0
V
I
OH = –0.5 mA
V
CC =2.7 V to 3.6 V VOH
2.4
V
I
OH = –1 mA
V
CC =2.2 V to 3.6 V VOH
V
CC – 0.2—
V
I
OH = –100 µA
Output low
voltage
V
CC =2.2 V to 2.7 V VOL
0.4
V
I
OL = 0.5 mA
V
CC =2.7 V to 3.6 V VOL
0.4
V
I
OL = 2 mA
V
CC =2.2 V to 3.6 V VOL
0.2
V
I
OL = 100 µA
Notes: 1. Typical values are at V
CC = 2.5 V/3.0 V, Ta = +25°C and not guaranteed.
2. This characteristic is guaranteed only for L-version.
3. This characteristic is guaranteed only for L-SL version.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn