Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM62V16256C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. HM62V16256C
Description  4 M SRAM (256-kword ´ 16-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HM62V16256C Datasheet(HTML) 7 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
HM62V16256C Series
5
Operation Table
CS1
CS2
WE
OE
UB
LB
I/O0 to I/O7
I/O8 to I/O15
Operation
H
××
×××
High-Z
High-Z
Standby
×
L
×
×××
High-Z
High-Z
Standby
×××
×
H
H
High-Z
High-Z
Standby
L
H
H
L
L
L
Dout
Dout
Read
L
H
H
L
H
L
Dout
High-Z
Lower byte read
L
H
H
L
L
H
High-Z
Dout
Upper byte read
LH
L
×
L
L
Din
Din
Write
LH
L
×
H
L
Din
High-Z
Lower byte write
LH
L
×
L
H
High-Z
Din
Upper byte write
LH
H
H
××
High-Z
High-Z
Output disable
Note:
H: V
IH, L: VIL, ×: VIH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to V
SS
V
CC
–0.5 to + 4.6
V
Terminal voltage on any pin relative to V
SS
V
T
–0.5*
1 to V
CC + 0.3*
2
V
Power dissipation
P
T
1.0
W
Storage temperature range
Tstg
–55 to +125
°C
Storage temperature range under bias
Tbias
–20 to +85
°C
Notes: 1. V
T min: –3.0 V for pulse half-width ≤ 30 ns.
2. Maximum voltage is +4.6 V.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
V
CC
2.2
2.5/3.0
3.6
V
V
SS
00
0V
Input high voltage
V
CC = 2.2 V to 2.7 V
V
IH
2.0
V
CC + 0.3
V
V
CC = 2.7 V to 3.6 V
V
IH
2.0
V
CC + 0.3
V
Input low voltage
V
CC = 2.2 V to 2.7 V
V
IL
–0.2
0.4
V
1
V
CC = 2.7 V to 3.6 V
V
IL
–0.3
0.6
V
1
Ambient temperature range
Ta
–20
70
°C
Note:
1. V
IL min:
–3.0 V for pulse half-width
≤ 30 ns.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn