Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM62A16100I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. HM62A16100I
Description  Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HM62A16100I Datasheet(HTML) 6 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HM62A16100I Series
Rev.0.01, Jun.02.2003, page 6 of 17
DC Characteristics
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|
1
µA
Vin = V
SS to VCC
Output leakage current
|I
LO|
1
µA
CS1 = V
IH or CS2 = VIL or
OE = V
IH or WE = VIL or
LB = UB = V
IH, VI/O = VSS to VCC
Operating current
I
CC
8
mA
CS1 = V
IL, CS2 = VIH,
Others = V
IH/ VIL, II/O = 0 mA
Average operating current
I
CC1
20
30
mA
Min. cycle, duty = 100%,
I
I/O = 0 mA, CS1 = VIL, CS2 = VIH,
Others = V
IH/VIL
I
CC2
2
5
mA
Cycle time = 1
µs, duty = 100%,
I
I/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ V
CC − 0.2 V
V
IH ≥ VCC − 0.2 V, VIL ≤ 0.2 V
Standby current
I
SB
0.1
0.5
mA
CS2 = V
IL
Standby current
I
SB1*
2
0.5
25
µA
0 V
≤ Vin
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2)
CS1 ≥ V
CC − 0.2 V,
CS2
≥ V
CC − 0.2 V or
(3)
LB = UB ≥ V
CC − 0.2 V,
CS2
≥ V
CC − 0.2 V,
CS1 ≤ 0.2 V
Average value
I
SB1*
3
0.5
8
µA
Output high voltage
V
OH
V
CC − 0.2
V
I
OH = −100 µA
Output low voltage
V
OL
0.2
V
I
OL = 100 µA
Notes: 1. Typical values are at V
CC = 1.8 V, Ta = +25°C and not guaranteed.
2. This characteristic is guaranteed only for L-version.
3. This characteristic is guaranteed only for L-SL version.
Capacitance
(Ta = +25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Input capacitance
Cin
8
pF
Vin = 0 V
1
Input/output capacitance
C
I/O
10
pF
V
I/O = 0 V
1
Note:
1. This parameter is sampled and not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn