Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM62A16100I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. HM62A16100I
Description  Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HM62A16100I Datasheet(HTML) 5 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HM62A16100I Series
Rev.0.01, Jun.02.2003, page 5 of 17
Operation Table
CS1
CS1
CS1
CS1
CS2
WE
WE
WE
WE
OE
OE
OE
OE
UB
UB
UB
UB
LB
LB
LB
LB
I/O0 to I/O7
I/O8 to I/O15
Operation
H
×
×
×
×
×
High-Z
High-Z
Standby
×
L
×
×
×
×
High-Z
High-Z
Standby
×
×
×
×
H
H
High-Z
High-Z
Standby
L
H
H
L
L
L
Dout
Dout
Read
L
H
H
L
H
L
Dout
High-Z
Lower byte read
L
H
H
L
L
H
High-Z
Dout
Upper byte read
L
H
L
×
L
L
Din
Din
Write
L
H
L
×
H
L
Din
High-Z
Lower byte write
L
H
L
×
L
H
High-Z
Din
Upper byte write
L
H
H
H
×
×
High-Z
High-Z
Output disable
Note:
H: V
IH, L: VIL, ×: VIH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to V
SS
V
CC
−0.3 to + 2.6
V
Terminal voltage on any pin relative to V
SS
V
T
−0.3*1 to V
CC + 0.3*
2
V
Power dissipation
P
T
1.0
W
Storage temperature range
Tstg
−55 to +125
°C
Storage temperature range under bias
Tbias
−40 to +85
°C
Notes: 1. V
T min:
−2.0 V for pulse half-width ≤ 10 ns.
2. Maximum voltage is +2.6 V.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
V
CC
1.65
1.8
2.2
V
V
SS
0
0
0
V
Input high voltage
V
IH
0.75
× V
CC
V
CC + 0.3
V
Input low voltage
V
IL
−0.3
0.25
× V
CC
V
1
Ambient temperature range
Ta
−40
85
°C
Note:
1. V
IL min:
−2.0 V for pulse half-width ≤ 10 ns.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn