Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD407C4374FT Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD407C4374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD407C4374FT Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD407C4374FT Datasheet HTML 7Page - Renesas Technology Corp HD407C4374FT Datasheet HTML 8Page - Renesas Technology Corp HD407C4374FT Datasheet HTML 9Page - Renesas Technology Corp HD407C4374FT Datasheet HTML 10Page - Renesas Technology Corp HD407C4374FT Datasheet HTML 11Page - Renesas Technology Corp HD407C4374FT Datasheet HTML 12Page - Renesas Technology Corp HD407C4374FT Datasheet HTML 13Page - Renesas Technology Corp HD407C4374FT Datasheet HTML 14Page - Renesas Technology Corp HD407C4374FT Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 11 of 161
Product Name
HD404389,
HD40A4389,
HD40C4389,
HD407A4389,
HD407C4389
HD404081,
HD40A4081,
HD40C4081
HD404082,
HD40A4082,
HD40C4082
HCD40482,
HCD40C4082
HD404084,
HD40A4084,
HD40C4084
HCD404084,
HCD40C4084
0.47
µs (f
OSC = 8.5 MHz) : HD40A4372, HD40A4374, HD407A4374, HD40A4382,
HD40A4384, HD407A4384, HD40A4388, HD40A4389, HD407A4389, HD40A4081,
HD40A4082, HD40A4084
0.89
µs (f
OSC = 4.5 MHz) : HD404372, HD404374, HD404382, HD404384, HD404388,
HD404389, HD404081, HD404082, HCD404082, HD404084, HCD404084
Minimum instruction execution
time
1.14
µs (f
OSC = 3.5 MHz) : HD40C4372, HD40C4374, HD407C4374, HD40C4382,
HD40C4384, HD407C4384, HD40C4388, HD40C4389, HD407C4389, HD40C4081,
HD40C4082, HCD40C4082, HD40C4084, HCD40C4084
Operating voltage (V)
1.8 to 5.5 V : Mask ROM, 2.0 to 5.5 V : ZTAT
TM
FP-30D
Available
DP-28S
Available
Available
Package
FP-48B
In planning
stage
Chip
Available
Available
Guaranteed operation
temperature(°C)
–20 to +75:
Mask ROM
–40 to +85:
ZTAT
TM
+75
–20 to +75:
Mask ROM
–40 to +85:
ZTAT
TM
+75


Similar Part No. - HD407C4374FT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD4074008 HITACHI-HD4074008 Datasheet
1Mb / 50P
   Two timer/counters
HD4074008C HITACHI-HD4074008C Datasheet
1Mb / 50P
   Two timer/counters
HD4074008F HITACHI-HD4074008F Datasheet
1Mb / 50P
   Two timer/counters
HD4074008H HITACHI-HD4074008H Datasheet
1Mb / 50P
   Two timer/counters
HD4074008S HITACHI-HD4074008S Datasheet
1Mb / 50P
   Two timer/counters
More results

Similar Description - HD407C4374FT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
   8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
Sharp Corporation
SM5K3 SHARP-SM5K3 Datasheet
233Kb / 28P
   4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
logo
Sanyo Semicon Device
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
logo
Cirrus Logic
CS53L32A CIRRUS-CS53L32A Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com