Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD4074339FS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD4074339FS
Description  microcomputer with large-capacity memory designed to
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4074339FS Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD4074339FS Datasheet HTML 1Page - Renesas Technology Corp HD4074339FS Datasheet HTML 2Page - Renesas Technology Corp HD4074339FS Datasheet HTML 3Page - Renesas Technology Corp HD4074339FS Datasheet HTML 4Page - Renesas Technology Corp HD4074339FS Datasheet HTML 5Page - Renesas Technology Corp HD4074339FS Datasheet HTML 6Page - Renesas Technology Corp HD4074339FS Datasheet HTML 7Page - Renesas Technology Corp HD4074339FS Datasheet HTML 8Page - Renesas Technology Corp HD4074339FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
HD404339 Series
3
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
FP-64B
R72
R00/SCK
R01/SI
R02/SO
R03/TOC
TEST
RESET
OSC1
OSC2
GND
X1
X2
AVSS
R30/AN0
R31/AN1
R32/AN2
R33/AN3
R40/AN4
R41/AN5
R11
R10
R93
R92
R91
R90
R83
R82
R81
R80
D13
D12
D11
D10
D9
D8
D7
D6
D5
R60
R61
R62
R63
R70
R71
R72
R00/SCK
R01/SI
R02/SO
R03/TOC
TEST
RESET
OSC1
OSC2
GND
X1
X2
AVSS
R30/AN0
R31/AN1
R32/AN2
R33/AN3
R40/AN4
R41/AN5
R42/AN6
R43/AN7
R50/AN8
R51/AN9
R52/AN10
R53/AN11
AVCC
R83
R82
R81
R80
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4/STOPC
D3/BUZZ
D2/EVNB
D1/INT1
D0/INT0
VCC
RA1/Vdisp
R23
R22
R21
R20
R13
R12
R11
R10
R93
R92
R91
R90
DP-64S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64
63
62
61
60
59
58
57
56
55
54
53
52


Similar Part No. - HD4074339FS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD4074339FS HITACHI-HD4074339FS Datasheet
337Kb / 78P
   4-bit HMCS400-Series microcomputer with large-capacity memory
More results

Similar Description - HD4074339FS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404339 HITACHI-HD404339 Datasheet
337Kb / 78P
   4-bit HMCS400-Series microcomputer with large-capacity memory
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
   HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Motorola, Inc
MC68HC05M6 MOTOROLA-MC68HC05M6 Datasheet
67Kb / 2P
   microcomputer unit with VFD drive capacity
logo
CIT Relay & Switch
A21CSQ12VDC1.6 CIT-A21CSQ12VDC1.6 Datasheet
141Kb / 3P
   Large switching capacity up to 40A
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
   Large switching capacity up to 80A
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
Renesas Technology Corp
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
   microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
HD404054 RENESAS-HD404054 Datasheet
381Kb / 103P
   microcomputer designed to increase program productivity
logo
Toshiba Semiconductor
MQ03ABBXXX TOSHIBA-MQ03ABBXXX Datasheet
93Kb / 2P
   LARGE CAPACITY HDD FOR EXTERNAL STORAGE
Rev. 00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com