Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404318 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD404318
Description  microcomputer designed to increase program productivity
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404318 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD404318 Datasheet HTML 13Page - Renesas Technology Corp HD404318 Datasheet HTML 14Page - Renesas Technology Corp HD404318 Datasheet HTML 15Page - Renesas Technology Corp HD404318 Datasheet HTML 16Page - Renesas Technology Corp HD404318 Datasheet HTML 17Page - Renesas Technology Corp HD404318 Datasheet HTML 18Page - Renesas Technology Corp HD404318 Datasheet HTML 19Page - Renesas Technology Corp HD404318 Datasheet HTML 20Page - Renesas Technology Corp HD404318 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
HD404318 Series
15
Table 2
Instruction Set Classification
Instruction Type
Function
Number of
Instructions
Immediate
Transferring constants to the accumulator, B register, and RAM.
4
Register-to-register
Transferring contents of the B, Y, SPX, SPY, or memory registers to
the accumulator
8
RAM addressing
Available when accessing RAM in register indirect addressing mode
13
RAM register
Transferring data between the accumulator and memory.
10
Arithmetic
Performing arithmetic operations with the contents of the accumulator,
B register, or memory.
25
Compare
Comparing contents of the accumulator or memory with a constant
12
RAM bit manipulation
Bit set, bit reset, and bit test.
6
ROM addressing
Branching and jump instructions based on the status condition.
8
Input/output
Controlling the input/output of the R and D ports; ROM data reference
with the P instruction
11
Control
Controlling the serial communication interface and low-power
dissipation modes.
4
Total: 101
instructions


Similar Part No. - HD404318

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404318 HITACHI-HD404318 Datasheet
305Kb / 66P
   4-bit HMCS400-series microcomputer
HD404318H HITACHI-HD404318H Datasheet
305Kb / 66P
   4-bit HMCS400-series microcomputer
HD404318S HITACHI-HD404318S Datasheet
305Kb / 66P
   4-bit HMCS400-series microcomputer
More results

Similar Description - HD404318

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404054 RENESAS-HD404054 Datasheet
381Kb / 103P
   microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
logo
Hitachi Semiconductor
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
   HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
   microcomputer with large-capacity memory designed to
logo
Rochester Electronics
M80C31BH ROCHESTER-M80C31BH Datasheet
601Kb / 9P
   CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
logo
STMicroelectronics
PM0212 STMICROELECTRONICS-PM0212 Datasheet
161Kb / 22P
   How to program the STM8TL5xxx Flash program memory and data EEPROM
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
   9K jumbo frames to increase data transfer rates
logo
STMicroelectronics
PM0083 STMICROELECTRONICS-PM0083 Datasheet
411Kb / 13P
   How to program STM8T143 OTP options
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
   How to program STM8S and STM8A Flash program memory and data EEPROM
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
   How to program STM8L and STM8AL Flash program memory and data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com