Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0383DPA-00-J0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0383DPA-00-J0
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0383DPA-00-J0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0383DPA-00-J0 Datasheet HTML 1Page - Renesas Technology Corp RJK0383DPA-00-J0 Datasheet HTML 2Page - Renesas Technology Corp RJK0383DPA-00-J0 Datasheet HTML 3Page - Renesas Technology Corp RJK0383DPA-00-J0 Datasheet HTML 4Page - Renesas Technology Corp RJK0383DPA-00-J0 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RJK0383DPA
REJ03G1723-0101 Rev.1.01 Jul 10, 2008
Page 2 of 4
Electrical Characteristics
• MOS1
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
±0.1
µA
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, ID = 1 mA
RDS(on)
8.5
11.1
m
ID = 7.5 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
12
16.8
m
ID = 7.5 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
TBD
S
ID = 7.5 A, VDS = 10 V
Note4
Input capacitance
Ciss
1010
pF
Output capacitance
Coss
190
pF
Reverse transfer capacitance
Crss
75
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate Resistance
Rg
1.2
Total gate charge
Qg
6.8
nC
Gate to source charge
Qgs
2.5
nC
Gate to drain charge
Qgd
1.5
nC
VDD = 10 V
VGS = 4.5 V
ID = 15 A
Turn-on delay time
td(on)
TBD
ns
Rise time
tr
TBD
ns
Turn-off delay time
td(off)
TBD
ns
Fall time
tf
TBD
ns
VGS =10 V, ID = 7.5 A
VDD
≅ 10 V
RL = 1.33
Rg = 4.7
Body–drain diode forward voltage
VDF
0.84
1.10
V
IF = 15 A, VGS = 0
Note4
Body–drain diode reverse
recovery time
trr
20
ns
IF =15 A, VGS = 0
diF/ dt = 100 A/
µs
Notes: 4. Pulse test


Similar Part No. - RJK0383DPA-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0380DPA RENESAS-RJK0380DPA Datasheet
254Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA RENESAS-RJK0380DPA Datasheet
88Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA RENESAS-RJK0380DPA Datasheet
127Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0380DPA-00-J53 RENESAS-RJK0380DPA-00-J53 Datasheet
254Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA-00-J53 RENESAS-RJK0380DPA-00-J53 Datasheet
88Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results

Similar Description - RJK0383DPA-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0215DPA RENESAS-RJK0215DPA Datasheet
271Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA Datasheet
113Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2126RP RENESAS-HAT2126RP Datasheet
263Kb / 17P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP Datasheet
130Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA_09 Datasheet
358Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2210R RENESAS-HAT2210R Datasheet
116Kb / 12P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0214DPA RENESAS-RJK0214DPA Datasheet
260Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0230DPA RENESAS-RJK0230DPA Datasheet
221Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP_10 Datasheet
115Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0223DNS RENESAS-RJK0223DNS Datasheet
81Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com