Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q2A3636BBG-50R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1Q2A3636BBG-50R
Description  36-Mbit QDR?줚I SRAM 2-word Burst
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q2A3636BBG-50R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1Q2A3636BBG-50R Datasheet HTML 5Page - Renesas Technology Corp R1Q2A3636BBG-50R Datasheet HTML 6Page - Renesas Technology Corp R1Q2A3636BBG-50R Datasheet HTML 7Page - Renesas Technology Corp R1Q2A3636BBG-50R Datasheet HTML 8Page - Renesas Technology Corp R1Q2A3636BBG-50R Datasheet HTML 9Page - Renesas Technology Corp R1Q2A3636BBG-50R Datasheet HTML 10Page - Renesas Technology Corp R1Q2A3636BBG-50R Datasheet HTML 11Page - Renesas Technology Corp R1Q2A3636BBG-50R Datasheet HTML 12Page - Renesas Technology Corp R1Q2A3636BBG-50R Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
R1Q2A3636B/R1Q2A3618B/R1Q2A3609B
REJ03C0341-0003 Rev.0.03 Apr. 11, 2008
Page 9 of 24
K Truth Table
Operation
K
/R
/W
D or Q
Data in
Input data
D(A+0)
D(A+1)
Write Cycle:
Load address, input write data on
consecutive K and /K rising edges
×
L
Output clock
K(t)
/K(t)
Data out
Output data
Q(A+0)
Q(A+1)
Read Cycle:
Load address, output read data on
consecutive C and /C rising edges
L
×
Output clock
/C(t+1)
C(t+2)
NOP (No operation)
H
H
D =
× or Q = High-Z
Standby (Clock stopped)
Stopped
×
×
Previous state
Notes: 1. H: high level, L: low level,
×: don’t care, ↑: rising edge.
2. Data inputs are registered at K and /K rising edges. Data outputs are delivered at C and /C rising edges,
except if C and /C are high, then data outputs are delivered at K and /K rising edges.
3. /R and /W must meet setup/hold times around the rising edges (low to high) of K and are registered at the
rising edge of K.
4. This device contains circuitry that will ensure the outputs will be in high-Z during power-up.
5. Refer to state diagram and timing diagrams for clarification.
6. When clocks are stopped, the following cases are recommended; the case of K = low, /K = high, C = low and
/C = high, or the case of K = high, /K = low, C = high and /C = low. This condition is not essential, but permits
most rapid restart by overcoming transmission line charging symmetrically.


Similar Part No. - R1Q2A3636BBG-50R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A3636 RENESAS-R1Q2A3636 Datasheet
1Mb / 25P
   36-Mbit QDR™II SRAM 2-word Burst
R1Q2A3636ABG-40R RENESAS-R1Q2A3636ABG-40R Datasheet
1Mb / 25P
   36-Mbit QDR™II SRAM 2-word Burst
R1Q2A3636ABG-50R RENESAS-R1Q2A3636ABG-50R Datasheet
1Mb / 25P
   36-Mbit QDR™II SRAM 2-word Burst
R1Q2A3636ABG-60R RENESAS-R1Q2A3636ABG-60R Datasheet
1Mb / 25P
   36-Mbit QDR™II SRAM 2-word Burst
More results

Similar Description - R1Q2A3636BBG-50R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com