Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTA806G Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTA806G
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA806G Datasheet(HTML) 7 Page - STMicroelectronics

  STTA806G Datasheet HTML 1Page - STMicroelectronics STTA806G Datasheet HTML 2Page - STMicroelectronics STTA806G Datasheet HTML 3Page - STMicroelectronics STTA806G Datasheet HTML 4Page - STMicroelectronics STTA806G Datasheet HTML 5Page - STMicroelectronics STTA806G Datasheet HTML 6Page - STMicroelectronics STTA806G Datasheet HTML 7Page - STMicroelectronics STTA806G Datasheet HTML 8Page - STMicroelectronics STTA806G Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGE DATA
D
2PAK
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
0
°
8
°
0
°
8
°
A
C2
D
R
A2
M
V2
C
A1
G
L
L3
L2
B
B2
E
*
* FLAT ZONE NO LESSTHAN 2mm
8.90
3.70
1.30
5.08
16.90
10.30
FOOTPRINT DIMENSIONS (in millimeters)
Cooling method : by conduction (C)
STTA806D/DI/G
7/9


Similar Part No. - STTA806G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA806G STMICROELECTRONICS-STTA806G Datasheet
264Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA806G-TR STMICROELECTRONICS-STTA806G-TR Datasheet
264Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results

Similar Description - STTA806G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com