Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTA312B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTA312B
Description  TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA312B Datasheet(HTML) 7 Page - STMicroelectronics

  STTA312B Datasheet HTML 1Page - STMicroelectronics STTA312B Datasheet HTML 2Page - STMicroelectronics STTA312B Datasheet HTML 3Page - STMicroelectronics STTA312B Datasheet HTML 4Page - STMicroelectronics STTA312B Datasheet HTML 5Page - STMicroelectronics STTA312B Datasheet HTML 6Page - STMicroelectronics STTA312B Datasheet HTML 7Page - STMicroelectronics STTA312B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
I F
V F
V Fp
1.1V F
V F
F
dI /dt
0
0t
t
I Fmax
tfr
Fig. G : TURN-ON CHARACTERISTICS.
Turn-on losses :
P4 = 0.4 (VFP -VF)x IFmax xtfr xF
Turn-on losses :
(in the transistor, due to the diode)
P5 =
VR
× IRM 2
× (3+2 × S) F
6 xdIF
dt
+
VR
× IRM × IL ×(S + 2
) × F
2
× dIF ⁄ dt
Turn-off losses :
P3 =
VR
× IRM 2
× × S × F
6
x dIF
⁄ dt
Turn-off losses :
with non negligible serial inductance
P3’ =
VR
× IRM 2
× S × F
6
xdIF
dt
+
L
× IRM 2 × F
2
P3, P3’ and P5 are suitable for power MOSFET
and IGBT
dI
F /dt = VR /L
dI /dt
R
tb
ta
I
RM
V
R
I
V
t
S = tb/ta
trr = ta + tb
RECTIFIER
OPERATION
V
I
IL
t
TRANSISTOR
dI /dt
F
dI /dt
R
tb
ta
I RM
VR
DIODE
I
V
t
trr = ta + tb
S = tb / ta
APPLICATION DATA (Cont’d)
Fig. F : TURN-OFF CHARACTERISTICS.
STTA312B
7/8


Similar Part No. - STTA312B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA3006CP STMICROELECTRONICS-STTA3006CP Datasheet
77Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODES
STTA3006CW STMICROELECTRONICS-STTA3006CW Datasheet
77Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODES
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA3006PI STMICROELECTRONICS-STTA3006PI Datasheet
82Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA306B STMICROELECTRONICS-STTA306B Datasheet
111Kb / 8P
   TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
More results

Similar Description - STTA312B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA306B STMICROELECTRONICS-STTA306B Datasheet
111Kb / 8P
   TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
STTA9012TV1 STMICROELECTRONICS-STTA9012TV1 Datasheet
71Kb / 8P
   TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
STTB1206M STMICROELECTRONICS-STTB1206M Datasheet
344Kb / 7P
   ultra-fast high voltage diode
August 1993 Ed: 2A
STTB1206G STMICROELECTRONICS-STTB1206G Datasheet
345Kb / 7P
   ultra-fast high voltage diode
September 1996 - Ed: 2
STTB1206D STMICROELECTRONICS-STTB1206D Datasheet
475Kb / 7P
   ultra-fast high voltage diode
May 1995 - Ed: 2B
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com