Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKP454KE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKP454KE
Description  Ultra small Package Composite Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP454KE Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKP454KE Datasheet HTML 1Page - Renesas Technology Corp RKP454KE Datasheet HTML 2Page - Renesas Technology Corp RKP454KE Datasheet HTML 3Page - Renesas Technology Corp RKP454KE Datasheet HTML 4Page - Renesas Technology Corp RKP454KE Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RKP454KE
REJ03G1697-0100 Rev.1.00 Jun 05, 2008
Page 4 of 4
Package Dimensions
Min
Nom
Max
b
0.17
0.19
D
0.64
0.67
E
1.60
1.63
1.66
L
0.70
0.21
A
0.27
0.30
0.33
Dimension in Millimeters
Reference
Symbol
0.0008 g
MASS[Typ.]
MP6-8V
PXSN0008ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
MP6-8
l1
0.27
b1
0.19
e2
0.42
0.25
0.27
0.29
e
0.42
Pattern of terminal position areas
D
e3
0.38
e1
0.38
b
e
e2
b1


Similar Part No. - RKP454KE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP450KE RENESAS-RKP450KE Datasheet
84Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP451KE RENESAS-RKP451KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP452KE RENESAS-RKP452KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP453KE RENESAS-RKP453KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
More results

Similar Description - RKP454KE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP453KE RENESAS-RKP453KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP436KE RENESAS-RKP436KE Datasheet
96Kb / 6P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP450KE RENESAS-RKP450KE Datasheet
84Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP452KE RENESAS-RKP452KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP451KE RENESAS-RKP451KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP407KS RENESAS-RKP407KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP412KS RENESAS-RKP412KS Datasheet
48Kb / 5P
   Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com