Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65850P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M65850P
Description  Digital Echo (Digital Delay)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65850P Datasheet(HTML) 4 Page - Renesas Technology Corp

  M65850P Datasheet HTML 1Page - Renesas Technology Corp M65850P Datasheet HTML 2Page - Renesas Technology Corp M65850P Datasheet HTML 3Page - Renesas Technology Corp M65850P Datasheet HTML 4Page - Renesas Technology Corp M65850P Datasheet HTML 5Page - Renesas Technology Corp M65850P Datasheet HTML 6Page - Renesas Technology Corp M65850P Datasheet HTML 7Page - Renesas Technology Corp M65850P Datasheet HTML 8Page - Renesas Technology Corp M65850P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M65850P/FP
REJ03F0171-0201 Rev.2.01 Jan 25, 2008
Page 4 of 11
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted)
Item
Symbol
Ratings
Units
Conditions
Supply voltage
VCC
6.0
V
Circuit current
ICC
100
mA
Power dissipation
Pd
800 (P), 550 (FP)
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Recommended Operating Condition
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VCC
3.5
5
5.5
V
Clock frequency
fck
0.8
11.0
MHz
Electrical Characteristics
(VCC = 5 V, f = 1 kHz, Vi = 100 mVrms, fck = 1 MHz, Ta = 25°C, unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Circuit current
ICC
5
13
25
mA
No signal input
Voltage gain
GV
–3.0
0
3.0
dB
RL = 47 kΩ
Maximum output voltage
Vomax
0.7
1.0
Vrms
THD = 10%
Total harmonic distortion
THD
1.2
3.0
%
30 kHz LPF
Output noise voltage
No
–85
–70
dBV
DIN-AUDIO
Clock frequency
fck
0.85
1
1.15
MHz
RC = 120 kΩ


Similar Part No. - M65850P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65850P MITSUBISHI-M65850P Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
More results

Similar Description - M65850P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65850P MITSUBISHI-M65850P Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
M65844P MITSUBISHI-M65844P Datasheet
328Kb / 7P
   DIGITAL ECHO (DIGITAL DELAY)?
logo
Renesas Technology Corp
M65831AP RENESAS-M65831AP Datasheet
4Mb / 15P
   DIGITAL ECHO(DIGITAL DELAY)
logo
Mitsubishi Electric Sem...
M65831AP MITSUBISHI-M65831AP Datasheet
80Kb / 14P
   DIGITAL ECHO (DIGITAL DELAY)
logo
List of Unclassifed Man...
BL0305 ETC1-BL0305 Datasheet
25Kb / 2P
   Digital Echo (Digital Delay)
logo
SHANGHAI BELLING CO., L...
BL0305 BELLING-BL0305 Datasheet
24Kb / 2P
   Digital Echo (Digital Delay)
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
logo
List of Unclassifed Man...
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
   Digital echo
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
   Enhanced Digital Echo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com