Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJJ0601JPN-00-02 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJJ0601JPN-00-02
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJJ0601JPN-00-02 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJJ0601JPN-00-02 Datasheet HTML 1Page - Renesas Technology Corp RJJ0601JPN-00-02 Datasheet HTML 2Page - Renesas Technology Corp RJJ0601JPN-00-02 Datasheet HTML 3Page - Renesas Technology Corp RJJ0601JPN-00-02 Datasheet HTML 4Page - Renesas Technology Corp RJJ0601JPN-00-02 Datasheet HTML 5Page - Renesas Technology Corp RJJ0601JPN-00-02 Datasheet HTML 6Page - Renesas Technology Corp RJJ0601JPN-00-02 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJJ0601JPN
REJ03G1602-0100
Rev.1.00
Nov 21, 2007
Page 4 of 6
0
–4
–8
–12
–16
0
0
–10
–20
–30
–40
50
100
150
200
Gate Charge Qg (nC)
Dynamic Input Characteristics
0
–0.4
–0.8
–1.2
–1.6
–2.0
–100
–50
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
VGS = 0 V
Pulse Test
–10 V
Avalanche Test Circuit
Avalanche Waveform
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Vin
–15 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
250
200
150
100
50
25
50
75
100
125
150
0
ID = –90 A
VDS
VGS
VDD = –25 V
–10 V
–5 V
−0
−10
−20
−40
−50
−30
100000
10000
1000
100
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
VDD = –5 V
–10 V
–25 V
L = 100
µH
VDD = –25 V
duty < 0.1 %
Rg
≥ 50 Ω


Similar Part No. - RJJ0601JPN-00-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0601JPE RENESAS-RJJ0601JPE Datasheet
123Kb / 7P
   Silicon P Channel MOS FET High Speed Power Switching
RJJ0601JPE-00-J3 RENESAS-RJJ0601JPE-00-J3 Datasheet
123Kb / 7P
   Silicon P Channel MOS FET High Speed Power Switching
RJJ0601JPE-00-Q3 RENESAS-RJJ0601JPE-00-Q3 Datasheet
123Kb / 7P
   Silicon P Channel MOS FET High Speed Power Switching
More results

Similar Description - RJJ0601JPN-00-02

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com